Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp DA16200 Datasheet HTML 63Page - Renesas Technology Corp DA16200 Datasheet HTML 64Page - Renesas Technology Corp DA16200 Datasheet HTML 65Page - Renesas Technology Corp DA16200 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
62 of 153
© 2023 Renesas Electronics
AHB
Slave
Control
Registers
Data
Pipe
AHB
Master
32
32
Clock
Control
HCLK
HCMD
HDATA[3:0]
4
CMD/RSP
Pipe
AHB
FIFO
32
Figure 36: SD/eMMC Block Diagram
Figure 37 shows the timing diagram for the SD/eMMC master.
SD/eMMC_CLK
SD/eMMC_D[3:0]
SD/eMMC_CMD
TCO.DLY
TDO.DLY
TCI.SU
TDI.SU
Figure 37: SD/eMMC Master Timing Diagram
Table 47 lists the timing parameters for the SD/eMMC master.
Table 47: SD/eMMC Master Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
SD/eMMC_CLK frequency
FSCLK
-
-
50
MHz
SD/eMMC_CLK clock duty
50
%
SD/eMMC_CMD input setup time
TCI.SU
8
ns
SD/eMMC_CMD output delay time
TCO.DLY
3
ns
SD/eMMC_D[3:0] input setup time
TDI.SU
8
ns
SD/eMMC_D[3:0] output delay time
TDO.DLY
8
ns
9.7
I2S
DA16200 provides an I2S interface. Once an I2S block receives audio data through the DMA, that
audio data is sent to the external port according to the I2S standard. To use the external DAC, output
through the GPIO port is possible when a register setting is made according to the pin configuration
(Table 48).
The I2S also provides a receive function. However, I2S transmission and reception functions cannot
be used at the same time. The transmit and receive functions can be selected by register setting. If
the I2S signal is input from outside after the reception function is set, the audio signal can be
decoded, stored in the FIFO, and read out through the DMA. The decodable reception function
provides 8/16/24/32-bit modes and can receive either mono or stereo.
Using the I2S clock divider register, the internal PLL clock can be variably applied to the I2S clock
source. The available I2S clock source is 24/48 MHz. There is also a way to apply the I2S clock
source directly from outside using the GPIO pin. For accurate I2S audio sampling, the I2S clock
source can be input to external GPIO pins. It needs to select the GPIO pin setting as the I2S clock
input and apply the appropriate clock source. The available I2S clock pins are shown in Table 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com