Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 49Page - Renesas Technology Corp DA16200 Datasheet HTML 50Page - Renesas Technology Corp DA16200 Datasheet HTML 51Page - Renesas Technology Corp DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
53 of 153
© 2023 Renesas Electronics
9.3
SPI Slave
The SPI slave interface is a half-duplex connection for an external host to control the DA16200. The
range of the SPI clock speed is based on the internal bus clock speed and can be calculated using:
spi clock = system clock/N
where N is an integer divider such as 1,2,3,4,5,6,...
The SPI slave supports both the Burst mode and Non-burst mode. In the Burst mode, SPI_CSB
remains active from the start to the end of communication. In the Non-burst mode, SPI_CSB remains
active at every eight bits.
SPI Signals
Address
Decoder
Command
Decoder
Data
Decoder
APB bus
Controller
Figure 26: SPI Slave Block Diagram
Communication protocols of the SPI slave interface use either 4-byte or 8-byte control signals.
Between the two available communication protocols, the CPU chooses one before initiating the
control.
Figure 27 and Figure 28 shows the 8-byte and 4-byte control types.
SPI_CSB
SPI_CLK
SPI_MOSI
A [ 31 : 24 ]
A [ 7 : 0 ]
A [ 15 : 8 ]
A [ 23 : 16 ]
C [ 7 : 0 ]
L [ 23 : 16 ]
L [ 15 : 8 ]
L [ 7 : 0 ]
D [ 7 : 0 ]
D [ 15 : 8 ]
D [ 23 : 16 ]
D [ 31 : 24 ]
Figure 27: 8-byte Control Type
SPI_CSB
SPI_CLK
SPI_MOSI
A [ 15 : 8 ]
L [ 7 : 0 ]
C [ 7 : 0 ]
A [ 7 : 0 ]
D [ 7 : 0 ]
D [ 15 : 8 ]
D [ 23 : 16 ]
D [ 31 : 24 ]
Figure 28: 4-byte Control Type
The 8-byte control type uses a 4-byte address, 1-byte control, and 3-byte length. The 4-byte address
displays the address of registers subject to internal access. The 1-byte control is for communication
control and 3-byte length shows the length of data subject to continuous access in bytes. Hence,
when the 8-byte control type is applied, the maximal length of data subject to continuous access is 16
MB.
The 4-byte control type uses a 2-byte address, 1-byte control, and 1-byte length. The 2-byte address
displays the address of registers subject to internal access. The 1-byte control is for communication
control and 1-byte length shows the length of data subject to continuous access in bytes. Since the
32-bit address map is used internally, the 2-byte address is not enough to express everything. Thus,
the upper 2-byte base address is designated, and then the lower 2-byte address is used.
Table 36 and Table 37 shows the meaning of each bit in the 1-byte control in the 8-byte control type
and the 4-byte control type, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com