Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp DA16200 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
59 of 153
© 2023 Renesas Electronics
Parameter
Symbol
Fast Mode
High Speed Mode
Unit
Min
Max
Min
Max
High period of the SCL clock
THIGH
1.23
-
0.45
-
μs
Setup time for START condition
TSU;STA
1.1
-
0.37
-
μs
Data hold time
THD;DAT
3x Top_clk
(Note 3)
-
3x Top_clk
(Note 3)
-
μs
Data setup time
TSU;DAT
-
TLOW
- THD;DAT
-
TLOW
- THD;DAT
μs
Rise time of both SDA and SCL
TR
(Note 4)
0.02
0.3
0.05
0.05
μs
Setup time for STOP condition
TSU;STO
0.36
-
0.45
-
μs
Data valid acknowledge time
TVD;ACK
3x Top_clk
(Note 3)
-
3x Top_clk
(Note 3)
-
μs
Buffer free time between
START and STOP condition
TBUF
0.5
-
0.5
-
μs
Note 1
Clock duty ratio = (THIGH /TSCLK) × 100[%], TSCLK = 1/FSCLK.
Note 2
Max. clock = 3.4 MHz (TSCLK = 294 ns) over 40 MHz of the Fop_clk.
Max. clock = 1.0 MHz (TSCLK = 1000 ns) under 40 MHz of the Fop_clk.
Note 3
Top_clk = (1 / Fop_clk ) x 106
μsec.
Note 4
TR depends on a pull-up resistor value.
9.5.2
I2C Slave
The I2C slave interface provides support for an external host to control the DA16200. The pin mux
configuration is defined in Table 44.
Four ranges of clock speed are supported: standard (100 kHz), fast (400 kHz), fast plus (1.0 MHz)
and High Speed (3.4 MHz).
Table 44: I2C Slave Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA1
38
C3
I
I2C_CLK
GPIOA3
36
D4
I
GPIOA5
33
D2
I
GPIOA7
31
E1
I
GPIOA0
39
A3
I/O
I2C_SDA
GPIOA2
37
B2
I/O
GPIOA4
34
F4
I/O
GPIOA6
32
E3
I/O
Figure 34 shows the I2C slave timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com