Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 40Page - Renesas Technology Corp DA16200 Datasheet HTML 41Page - Renesas Technology Corp DA16200 Datasheet HTML 42Page - Renesas Technology Corp DA16200 Datasheet HTML 43Page - Renesas Technology Corp DA16200 Datasheet HTML 44Page - Renesas Technology Corp DA16200 Datasheet HTML 45Page - Renesas Technology Corp DA16200 Datasheet HTML 46Page - Renesas Technology Corp DA16200 Datasheet HTML 47Page - Renesas Technology Corp DA16200 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
44 of 153
© 2023 Renesas Electronics
● IDLE: waits for the DMA request. When the DMA request appears, the state moves to R_FIRST
● R_FIRST: reads the address of the first DMA descriptor (head node of the linked list)
● R_COMMAND: reads the Command Field of the DMA descriptor
● R_SRC_ADDR: reads the Src_start_addr Field of the DMA descriptor
● R_DST_ADDR: reads the Dst_start_addr Field of the DMA descriptor
● R_DATA: reads the data from the source address
● W_DATA: writes the data read in the R_DATA state to the destination address. By the
information written in the DMA descriptor, if data read/write is required, the state moves to
R_DATA. If the DMA task is required to be suspended or stopped, the state moves to
W_COMMAND
● R_NEXT: reads the next_descriptor field to check whether the next DMA task exists or not,
before stopping the current DMA task
● W_FIRST: writes the address of the next DMA descriptor read in R_NEXT to the memory region
where the first address of the DMA descriptor is stored. If arbitration is required, the state moves
to IDLE state. If the current DMA channel is required to be operated, the state moves to R_FIRST
state
● INIT, R_FIRST_LOAD, R_NEXT_LOAD, and C_NEXT: reduce the critical path delay in the DMA
block. These states generate one clock delay
7.7.2
DMA2 (Fast DMA)
DMA2 (Fast DMA) controller consists of a master read port, a master write port, and a slave port for
configuration register setting. Fast DMA performs bulk data transfers, data reading from the source
address range, and data writing to the destination address range. Fast DMA is mainly used for fast
data transfer from memory to memory.
The features of Fast DMA in DA16200 are summarized as follows:
■ Transfer size is programmable from 1 byte to 1 Megabytes
■ Up to four channels can be set at the same time
■ LLI function of ring type is supported by using configuration registers of four channels
■ Interrupt enable can be set for each channel
■ Provides a hold function to pause data transfer for each channel
The basic unit of bus transmission is 32-bit and has a function to automatically correct address align,
even if the source and destination addresses are not in word units.
For example, assuming that the transfer size is 23 bytes, the source base address is 0x001 for read
access, and the destination base address is 0x102 for write access, the number of bytes per
transaction is performed as follows:
● Source base address [1:0] = 0x1: the master read port of fast DMA performs read access with the
following sequences:
○ 1 -> 2 -> 4 -> 4 -> 4 -> 4 -> 4 bytes
● Destination base address [1:0] = 0x2: the master write port of fast DMA performs write access
with the following sequences:
○ 2 -> 4 -> 4 -> 4 -> 4 -> 4 -> 1 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com