Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 37Page - Renesas Technology Corp DA16200 Datasheet HTML 38Page - Renesas Technology Corp DA16200 Datasheet HTML 39Page - Renesas Technology Corp DA16200 Datasheet HTML 40Page - Renesas Technology Corp DA16200 Datasheet HTML 41Page - Renesas Technology Corp DA16200 Datasheet HTML 42Page - Renesas Technology Corp DA16200 Datasheet HTML 43Page - Renesas Technology Corp DA16200 Datasheet HTML 44Page - Renesas Technology Corp DA16200 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
41 of 153
© 2023 Renesas Electronics
7.6
HW Accelerators
7.6.1
Zeroing of SRAM
DA16200 provides a function to quickly set a constant value for the set SRAM area. This function is
mainly used to initialize the set SRAM area to zero and can be used even when SRAM is used.
For example, assuming that the entire 512 KB SRAM is being initialized, the processing time is 8192
cycles based on the CPU clock, that is, the maximum processing time is 8192 cycles irrespective of
the SRAM size to be initialized.
For more information to use this function, see Ref. [2].
7.6.2
CRC Calculation
The CRC algorithm detects the corruption of data during transmission and detects a higher
percentage of errors than a simple checksum. The CRC calculation consists of an iterative algorithm
involving XOR and shifts operations that is executed much faster in hardware than in software. The
CRC calculator is mainly used to check the flash image and the features of CRC calculator in
DA16200 are summarized below:
■ Operation clock frequency is up to 160 MHz, the same as CPU clock
■ Supports 8-bit, 16-bit, and 32-bit data paths
■ Performs CRC operation simultaneously in real time during data transfer on the selected AHB
bus
■ Operation type of CRC calculation
□ CRC-32: generator polynomial is G(x) = x^32 + x^26 + x^23 + x^22 + x^16 + x^12 + x^11 +
x^10 +x^8 + x^7 + x^5 + x^4 + x^2 + x^1 + 1
□ CRC-16 CCITT: generator polynomial is G(x) = x^16 + x^12 + x^5 +1
□ CRC-16 IBM: generator polynomial is G(x) = x^16 + x^15 + x^2 +1
For more information to use this function, see Ref. [2].
7.6.3
Pseudo Random Number Generator (PRNG)
DA16200 provides a function, PRNG, to generate a pseudo random number. The features of PRNG
in DA16200 are summarized as follows:
■ Operation clock frequency is up to 160 MHz, the same as CPU clock
■ Supports partial parallel processing of 8-bit, 16-bit, and 32-bit unit
Generator polynomial is G(x) = x^31 + x^28 + 1 (Ref. [3])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com