Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp DA16200 Datasheet HTML 36Page - Renesas Technology Corp DA16200 Datasheet HTML 37Page - Renesas Technology Corp DA16200 Datasheet HTML 38Page - Renesas Technology Corp DA16200 Datasheet HTML 39Page - Renesas Technology Corp DA16200 Datasheet HTML 40Page - Renesas Technology Corp DA16200 Datasheet HTML 41Page - Renesas Technology Corp DA16200 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
38 of 153
© 2023 Renesas Electronics
7.4
RTC
Among the pins in DA16200, four special pins are directly connected to the RTC block, which are
RTC_PWR_KEY, RTC_GPO, RTC_WAKE_UP, and RTC_WAKE_UP2.
Table 28: RTC Pin Description
Pin Name
Pin Number
Description
QFN
fcCSP
RTC_PWR_KEY
42
A5
RTC_PWR_KEY represents a power key for the RTC block. When
this pin is enabled, the RTC starts to work by following a
predefined power-up sequence and eventually all the necessary
power is supplied to all the sub-blocks including the main digital
block in DA16200. When disabled, all blocks are powered off and
this mode is defined as Sleep mode 1. DA16200 consumes
minimum leakage current in Sleep mode 1.
RTC_GPO
44
E7
This pin is an output and high level is 'VBAT'.
It has three different functions:
● GPO function: its output value can be set as ‘1’ or ‘0’ via
register setting. It can keep the value even in Sleep mode 2/3
● Flash control function: when in Sleep mode, it becomes ‘0’;
when in Active
mode, it is ‘1’
● Sensor wake-up function: when the sensor wake-up function
is used (Section 9.8.4), a programmable periodic signal is
provided for an external device. Inside the RTC, there are
registers to set count values
RTC_WAKE_UP
43
D6
This pin is an input pin for receiving an external event signal from
an external device like a sensor. The RTC block detects an
external event signal via this pin and wakes up DA16200 from
Sleep mode 2 or Sleep mode 3.
RTC_WAKE_UP2
23
H6
DA16200 contains not only an on-chip oscillator that uses a 32.768 kHz external crystal but also an
internal 32.768 kHz RC oscillator for faster initialization, which leads to prompt clock generation after
power-up and is used until the external crystal becomes stable. Afterwards, the input source can be
switched to the external crystal via a register setting.
The RTC block has a 36-bit real time counter. Its resolution is equal to one clock period of 32.768
kHz. The count value can be read via the register read command.
7.4.1
Wake-up Controller
The wake-up controller is designed to wake up DA16200 from a Sleep mode by an external signal. It
detects an edge trigger of the wake-up signal and selects either the rising edge or the falling edge.
Also, the wake-up signal must be maintained for at least 200 µs upon occurrence of transition on one
side.
When it comes to the source of wake-up, 11 digital I/Os in addition to the two pins directly connected
to the RTC block can be used. Although up to 11 digital I/Os are available for use, the maximum
number of digital I/Os that are simultaneously available is eight. Table 29 describes the digital I/Os
that are available for simultaneous use.
Table 29: Wake-up Sources
QFN and fcCSP Package
Input Selection = 0
Input Selection = 1
GPIOA4
X
GPIOA5
X
GPIOA6
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com