Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 47Page - Renesas Technology Corp DA16200 Datasheet HTML 48Page - Renesas Technology Corp DA16200 Datasheet HTML 49Page - Renesas Technology Corp DA16200 Datasheet HTML 50Page - Renesas Technology Corp DA16200 Datasheet HTML 51Page - Renesas Technology Corp DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
51 of 153
© 2023 Renesas Electronics
Figure 23 shows the QSPI Master Block Diagram.
I-Cache
Controller
AHB
BusMatrix
AHB
Bus
M
S
QSPI
Master
with XIP feature
AHB
Bus
AHB
Bus
S0
S1
External
Serial
NOR Flash
DMA
M
AHB
Bus
XI P path
Configuration
DMA
Figure 23: QSPI Master Block Diagram
Figure 24 shows the timing diagram for the QSPI master.
QSPI_CSB
QSPI_CLK
QSPI_D[3:0]
TCLK.ON
TDO.DLY
TDI.SU
TCSB.OF
F
Figure 24: QSPI Master Timing Diagram (Mode 0)
Table 33 lists the timing parameters for the QSPI master.
Table 33: QSPI Master Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
QSPI_CLK frequency
FCLK
10
120
MHz
QSPI_CLK clock duty
50
%
1st CLK active rising transition time
TCLK.ON
0.5 ×TCLK
TCLK
(Note 1)
ns
QSPI_CSB non-active rising transition time
TCSB.OFF
0
TCLK
ns
QSPI_D[3:0] input setup time
TDI.SU
6
ns
QSPI_D[3:0] output delay time
TDO.DLY
2
ns
Note 1
TCLK = (FCLK× 106)-1 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com