Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp DA16200 Datasheet HTML 36Page - Renesas Technology Corp DA16200 Datasheet HTML 37Page - Renesas Technology Corp DA16200 Datasheet HTML 38Page - Renesas Technology Corp DA16200 Datasheet HTML 39Page - Renesas Technology Corp DA16200 Datasheet HTML 40Page - Renesas Technology Corp DA16200 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
37 of 153
© 2023 Renesas Electronics
7.3.1.6
Memory Map
Figure 15 shows the various peripherals that are part of the DA16200 and how they are mapped to
the processor memory.
Address Map of Memories for Masters
Mask ROM
0x0000_0000
0x0004_0000
0x0008_0000
0x0010_0000
0x0020_0000
0x0030_0000
Not used
0x2000_0000
Memories
0x0000_0000
0x2000_0000
0x3000_0000
Not used
0x4000_0000
System Peripherals
0x5000_0000
Not used
0x6000_0000
APB Peripherals
0xE000_0000
System Control
Space(for CM4F)
Not used
0xF000_0000
0xFFFF_FFFF
Address Map of DA16200
Reserved
PHY
0x7000_0000
Not used
Int. SRAM
I-Cache
Not used
0x00F8_0000
Retention Memory
0x00F8_C000
Figure 14: Memory Map
Timer0
Timer1
Dual Timer
Reserved
0x4000_0000
0x4000_1000
0x4000_2000
0x4000_3000
0x4000_8000
WatchDog Timer
Reserved
0x4000_9000
0x4000_F000
0x4001_0000
PWM
0x4000_A000
0x4000_B000
GPIO0
UART0
Reserved
0x4001_0000
0x4001_1000
0x4001_2000
0x4001_3000
0x4001_5000
I2C Master
Aux. ADC
0x4001_6000
0x4001_7000
0x4002_0000
CC312_APBS
CC312_APBC
0x4010_0000
0x4011_0000
0x4011_8000
Not used
0x4020_0000
System Controller
Security
SD/eMMC
(SDIO Host)
0x5000_0000
0x5001_0000
0x5002_0000
0x5003_0000
SDIO Device
0x500F_0000
0x5004_0000
Fast HW
0x5005_0000
0x5006_0000
DMA2
0x5007_0000
0x5008_0000
Slave Interface
0x5009_0000
RTC Interface
0x500A_0000
TA2SYNC
0x500B_0000
Flash Host Ctrl.
0x500C_0000
HSU
0x500D_0000
I-Cache Ctrl.
0x500E_0000
Reserved
Reserved
DMA1
0x4000_E000
GPIO1
Reserved
Not used
PSK_SHA1
0x5010_0000
Reserved
GPIO2
0x4001_8000
UART2
UART1
0x4000_7000
System Peripherals
APB Peripherals
Figure 15: Memory Map: Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com