Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp DA16200 Datasheet HTML 63Page - Renesas Technology Corp DA16200 Datasheet HTML 64Page - Renesas Technology Corp DA16200 Datasheet HTML 65Page - Renesas Technology Corp DA16200 Datasheet HTML 66Page - Renesas Technology Corp DA16200 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
63 of 153
© 2023 Renesas Electronics
Table 48: I2S Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA1
38
C3
O
I2S_MCLK
GPIOA5
33
D2
O
GPIOA9
29
H2
O
GPIOA0
39
A3
O
I2S_BCLK
GPIOA4
34
F4
O
GPIOA8
30
G3
O
GPIOA3
36
D4
O
I2S_LRCK
GPIOA7
31
E1
O
GPIOA2
37
B2
I/O
I2S_SDO
GPIOA6
32
E3
I/O
GPIOA3
36
D4
I
I2S_CLK_IN
GPIOA10
28
F2
I
9.7.1
Block Diagram
I2S has the following features:
■ Master Clock Mode only
■ I2S Data pin can work in either Input mode or Output mode
■ Clock source can be "internal 480 MHz/N" (currently using 24 MHz) or "external clock source"
■ Max Sampling Rate: 48 KHz
■ Mono/Stereo Mode
Figure 38: I2S Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com