Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 96Page - Renesas Technology Corp DA16200 Datasheet HTML 97Page - Renesas Technology Corp DA16200 Datasheet HTML 98Page - Renesas Technology Corp DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp DA16200 Datasheet HTML 102Page - Renesas Technology Corp DA16200 Datasheet HTML 103Page - Renesas Technology Corp DA16200 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
100 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
[9] = Break error interrupt mask
[8] = Parity error interrupt mask
[7] = Framing error interrupt mask
6
RO
RXTIMS
Receive timeout masked interrupt status
0x0
5
RO
TXIMS
Transmit masked interrupt status
0x0
4
RO
RXIMS
Receive masked interrupt status
0x0
3:0
-
-
Reserved
0x0
Table 142: UART_INTCLR (0x044)
Bit
Mode
Symbol
Description
Reset
15:11
-
-
Reserved
0x00
10:7
WO
-
Error interrupt mask
[10] = Overrun error interrupt clear
[9] = Break error interrupt clear
[8] = Parity error interrupt clear
[7] = Framing error interrupt clear
0x0
6
WO
RXTICLR
Receive timeout interrupt clear
0x0
5
WO
TXICLR
Transmit interrupt clear
0x0
4
WO
RXICLR
Receive interrupt clear
0x0
3:0
-
-
Reserved
0x0
Table 143: UART_DMACNTRL (0x048)
Bit
Mode
Symbol
Description
Reset
15:2
-
-
Reserved
0x0000
1
R/W
TXDMAEn
Transmit DMA enable
0 = Transmit DMA is disabled
1 = Transmit DMA is enabled
0x0
0
R/W
RXDMAEn
Receive DMA enable
0 = Receive DMA is disabled
1 = Receive DMA is enabled
0x0
Table 144: UART_WAEN (0x04C)
Bit
Mode
Symbol
Description
Reset
15:1
-
-
Reserved
0x0000
0
R/W
WA
UART word access enable register
0 = UART Word Access is disabled
1 = UART Word Access is enabled
0x1
Table 145: UART_485EN (0x054)
Bit
Mode
Symbol
Description
Reset
15:1
-
-
Reserved
0x0000
0
R/W
RS485En
UART RS-485 mode enable register
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com