Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 69Page - Renesas Technology Corp DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp DA16200 Datasheet HTML 73Page - Renesas Technology Corp DA16200 Datasheet HTML 74Page - Renesas Technology Corp DA16200 Datasheet HTML 75Page - Renesas Technology Corp DA16200 Datasheet HTML 76Page - Renesas Technology Corp DA16200 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
73 of 153
© 2023 Renesas Electronics
9.10.3
Baud Rate
The UART clock frequency (FUARTCLK) is fixed at 80 MHz. The Baud Rate Divisor can be
calculated as (FUARTCLK / (16 x Baud Rate)). The Baud Rate Divisor is comprised of the integer
part (UART_INTBRDIV) and fractional part (UART_FRABRDIV). The maximum baud rate of
DA16200 UART is 2.5 MBaud.
The example below shows how to calculate the divisor value.
If the required baud rate is 921600 with 80 MHz FUARTCLK, the Baud Rate Divisor becomes:
(8 x 107) / (16 x 921600) = 5.425.
This means that the integer value is 5 and the fractional value is 0.425.
Then, the fraction part becomes integer ((0.425 x 64) + 0.5) = 27.
Then, the generated baud rate divider is 5 + 27/64 = 5.422.
Finally, the generated baud rate becomes (8 x 107) / (16 x 5.422) = 922169.
And the error between the required baud rate and the generated baud rate is:
(922169
– 921600) / 921600 x100 = 0.062 %
9.10.4
Hardware Flow Control
The hardware flow control feature is fully selectable, and serial data flow is controlled by using
nUARTRTS output and nUARTCTS input signals. Figure 53 shows how two different UARTs can
communicate using hardware flow control.
Figure 53: UART Hardware Flow Control
When RTS flow control is enabled, nUARTRTS signal is asserted until the receive FIFO is filled up to
programmed level. When CTS flow control is enabled, the transmitter can transmit the data when the
nUARTCTS signal is asserted. CTSEn (CTS enable) and RTSEn (RTS enable) bits are determined
by 14th (RTS) and 15th bit (CTS) of UARTCR register.
Table 54: Control Bits to Enable and Disable Hardware Flow Control
CTSEn
RTSEn
Description
1
1
Both RTS and CTS flow control are enabled
1
0
Only CTS flow control is enabled
0
1
Only RTS flow control is enabled
0
0
Both RTS and CTS flow control are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com