Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 13Page - Renesas Technology Corp DA16200 Datasheet HTML 14Page - Renesas Technology Corp DA16200 Datasheet HTML 15Page - Renesas Technology Corp DA16200 Datasheet HTML 16Page - Renesas Technology Corp DA16200 Datasheet HTML 17Page - Renesas Technology Corp DA16200 Datasheet HTML 18Page - Renesas Technology Corp DA16200 Datasheet HTML 19Page - Renesas Technology Corp DA16200 Datasheet HTML 20Page - Renesas Technology Corp DA16200 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
17 of 153
© 2023 Renesas Electronics
Table 1: Pin Description
QFN
#Pin
fcCSP
#Pin
Pin Name
Type
(Table 2)
Drive
(mA)
Initial
State
(Note 1)
Description
1
GND
GND
Ground
2
D12
VDD_ANA
VDD
RF VDD
3
E11
RBIAS
AIO
External reference resistor pin
4
G11
RF_XI
AI
40 MHz crystal clock input
5
H12
RF_XO
AO
40 MHz crystal clock output
6
J11
TMS
DIO
2/4/8/12
I-PU
JTAG I/F, SWDIO
7
J9
TCLK
DIO
2/4/8/12
I-PD
JTAG I/F, SWCLK, General Purpose
I/O
8
K10
GPIOC8
DIO
2/4/8/12
I-PD
General Purpose I/O
9
K12
GPIOC7
DIO
2/4/8/12
I-PD
General Purpose I/O
10
L11
GPIOC6
DIO
2/4/8/12
I-PD
General Purpose I/O
11
L9
UART_TXD
DO
2/4/8/12
O
UART transmit data
12
M10
UART_RXD
DI
2/4/8/12
I
UART receive data
13
M8
VDD_DIO2
VDD
Supply power for digital I/O
GPIOC6~GPIOC8, TMS/TCLK,
TXD/RXD
14
K8
F_IO0
DIO
External Flash Memory I/F
15
L7
F_IO1
DIO
External Flash Memory I/F
16
J7
F_IO2
DIO
External Flash Memory I/F
17
K6
F_IO3
DIO
External Flash Memory I/F
18
J5
F_CSN
DIO
External Flash Memory I/F
19
K4
F_CLK
DIO
External Flash Memory I/F
20
M4
VDD_FDIO
VDD
Flash IO Power
21
FDIO_LDO_
OUT
AIO
Flash and IO LDO output and connect
to external cap. For flash LDO
22
L3
VDD_DIG
VDD
Digital power and connect to external
cap. For DIG LDO
23
H6
RTC_WAKE
_UP2
DI
DI
(Note 2)
RTC block wake-up signal
24
M2
VBAT
VDD
Supply power for internal DC-DC,
DIO_LDO, and analog IP
25
L1
DCDC_LX
AIO
Connection from power MOSFETs to
the Inductor in internal DCDC
26
J1
DCDC_FB
AIO
Feedback voltage from the output of
the power supply in internal DCDC
27
G1
GPIOA11
DIO
2/4/8/12
I-PD
General Purpose I/O
28
F2
GPIOA10
DIO
2/4/8/12
I-PD
General Purpose I/O
29
H2
GPIOA9
DIO
2/4/8/12
I-PD
General Purpose I/O
30
G3
GPIOA8
DIO
2/4/8/12
I-PD
General Purpose I/O
31
E1
GPIOA7
DIO
2/4/8/12
I-PD
General Purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com