Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 16Page - Renesas Technology Corp DA16200 Datasheet HTML 17Page - Renesas Technology Corp DA16200 Datasheet HTML 18Page - Renesas Technology Corp DA16200 Datasheet HTML 19Page - Renesas Technology Corp DA16200 Datasheet HTML 20Page - Renesas Technology Corp DA16200 Datasheet HTML 21Page - Renesas Technology Corp DA16200 Datasheet HTML 22Page - Renesas Technology Corp DA16200 Datasheet HTML 23Page - Renesas Technology Corp DA16200 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
20 of 153
© 2023 Renesas Electronics
5
Electrical Specification
5.1
Absolute Maximum Ratings
Table 4: Absolute Maximum Ratings
Parameter
QFN Pins
fcCSP Pins
Min
Max
Units
VBAT, VDD_DA, VDD_PA
24, 45, 46
M2, A7, B8
-0.2
3.7
V
VDD_DIO1
35
C1
-0.2
3.7
V
VDD_DIO2
13
M8
-0.2
3.7
V
VDD_FDIO
20
M4
-0.2
3.7
V
FDIO_LDO_OUT
21
-
-0.2
3.7
V
VDD_DIG
22
L3
-0.1
1.22
V
VDD_ANA
2
D12
-0.1
1.55
V
Operating temperature range (TA)
-40
+85
°C
Storage temperature range
-40
+150
°C
5.2
Recommended Operating Conditions
Table 5: Recommended Operating Conditions
Parameter
QFN Pins
fcCSP Pins
Min
Typ
Max
Units
VBAT, VDD_DA, VDD_PA
24, 45, 46
M2, A7, B8
(Note 1)
2.1
3.6
V
VDD_DA, VDD_PA
-
A7, B8
(Note 2)
1.45
V
VDD_DIO1
35
C1
1.62
3.6
V
VDD_DIO2
13
M8
1.62
3.6
V
VDD_FDIO
20
M4
1.62
3.6
V
FDIO_LDO_OUT
21
-
1.62
1.92
V
VDD_DIG
22
L3
1.1
V
VDD_ANA
2
D12
1.37
(Note 2)
V
Operating temperature range (TA)
-40
+85
°C
Note 1
QFN, fcCSP Normal power mode.
Note 2
fcCSP Low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com