Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 27Page - Renesas Technology Corp DA16200 Datasheet HTML 28Page - Renesas Technology Corp DA16200 Datasheet HTML 29Page - Renesas Technology Corp DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
31 of 153
© 2023 Renesas Electronics
6
Power Management
DA16200 has an RTC block which provides power management and function control for low power
operation. In normal operation, the RTC block is always powered on when RTC_PWR_KEY is
enabled. The RTC block als
o has a control function for DA16200’s internal power supplying
components, like LDOs, DC-DCs, and power switches.
6.1
Power On Sequence
The sequence after the initial switching from power-off to power-on is shown in Figure 11.
The RTC_PWR_KEY of DA16200 is a pin that enables the RTC block. Once RTC_PWR_KEY is
enabled after VBAT power is supplied, all the internal regulators are turned on automatically in the
sequence predefined by the RTC block.
Once RTC_PWR_KEY is turned on, LDOs for both XTAL and digital I/O are turned on shortly and
then the DC-DC regulator is turned on according to the predefined interval. The enabling intervals
can also be modified in the register settings after initial power-up.
CLK_32K
VBAT
POWER_KEY
T2
T3
IO Voltage
T1
50% VBAT
50% IO
T0
50% VBAT
Figure 11: Power On Sequence
Table 26: Power On Sequence Timing Requirements
Name
Description
Min
Typ
Max
Unit
T0
VBAT power-on time from 10 % to 90 % of VBAT
ms
T1
IO voltage and VCC supply
0
ms
T2
RTC_PWR_KEY turn-on time from 50 % VBAT to
50 % POWER_KEY * Note 1
5*T0
ms
T3
Internal RC oscillator wake-up time
217
µs
Note 1
if the T0 = 10 ms to turn on VBAT, the recommended T2 is 50 ms for the safe booting operation. It
would be externally controlled by MCU or it would be implemented using RC filter at the input of
RTC_PWR_KEY. The recommended C is 470 nF or 1uF (not to exceed 1uF) and R value is chosen to
have T2 delay. For example, R and C values will be 82
kΩ and 1 uF when T0 = 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com