Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 79Page - Renesas Technology Corp DA16200 Datasheet HTML 80Page - Renesas Technology Corp DA16200 Datasheet HTML 81Page - Renesas Technology Corp DA16200 Datasheet HTML 82Page - Renesas Technology Corp DA16200 Datasheet HTML 83Page - Renesas Technology Corp DA16200 Datasheet HTML 84Page - Renesas Technology Corp DA16200 Datasheet HTML 85Page - Renesas Technology Corp DA16200 Datasheet HTML 86Page - Renesas Technology Corp DA16200 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
83 of 153
© 2023 Renesas Electronics
* See Figure 60
Table 65: GPIO_DS (0x5000_1220)
Bit
Mode
Symbol
Description
Reset
29:0
R/W
Driving Strength
00: 2 mA
01:8 mA (default)
10: 4 mA
11:12 mA
[29:28] GPIOA14
[27:26] GPIOA13
[25:24] GPIOA12
[23:22] GPIOA11
[21:20] GPIOA10
[19:18] GPIOA9
[17:16] GPIOA8
[15:14] GPIOA7
[13:12] GPIOA6
[11:10] GPIOA5
[9:8]
GPIOA4
[7:6]
GPIOA3
[5:4]
GPIOA2
[3:2]
GPIOA1
[1:0]
GPIOA0
0x5555_5555
Table 66: GPIO_SR (0x5000_1224)
Bit
Mode
Symbol
Description
Reset
14:0
R/W
-
Slew Rate control, Default = 0 (fast slew)
[14] GPIOA14
[13] GPIOA13
…
[1]
GPIOA1
[0]
GPIOA0
0x0000
Table 67: GPIO_PE_PS (0x5000_1228)
Bit
Mode
Symbol
Description
Reset
31:16
R/W
-
Pull-Up/Pull-Down Enable (active high)
[14] GPIOA14
[13] GPIOA13
…
[1]
GPIOA1
[0]
GPIOA0
0xFFFF
15:0
R/W
-
Pull Selection,
Pull-Up = 1
Pull-Down =0
[14] GPIOA14
[13] GPIOA13
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com