Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 48Page - Renesas Technology Corp DA16200 Datasheet HTML 49Page - Renesas Technology Corp DA16200 Datasheet HTML 50Page - Renesas Technology Corp DA16200 Datasheet HTML 51Page - Renesas Technology Corp DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
52 of 153
© 2023 Renesas Electronics
9.2
SPI Master
QSPI can use the SPI master with the use of a single line interface. Table 34 shows the pin definition
of the SPI master interface. SPI signal timing is the same as QSPI.
To use DA16200 as an SPI master, the CSB signal can be used with any of the GPIO pins. CSB [3:1]
can be selected from the GPIO special function by setting the registers in the GPIO.
Table 34: SPI Master Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOx
O
E_SPI_CSB[3:1]
GPIOA6
32
E3
O
E_SPI_CSB[0]
GPIOA7
31
E1
O
E_SPI_CLK
GPIOA8
30
G3
I/O
E_SPI_MOSI or E_SPI_D[0]
GPIOA9
29
H2
I/O
E_SPI_MISO or E_SPI_D[1]
GPIOA10
28
F2
I/O
E_SPI_D[2]
GPIOA11
27
G1
I/O
E_SPI_D[3]
E_SPI_CSB
E_SPI_CLK
E_SPI_D[3:0]
TCLK.ON
TDO.DLY
TDI.SU
TCSB.OF
F
Figure 25: SPI Master Timing Diagram (Mode 0)
Table 35: SPI Master Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
QSPI_CLK frequency
FCLK
5
60
MHz
QSPI_CLK clock duty
50
%
1st CLK active rising transition time
TCLK.ON
0.5 × TCLK
TCLK
(Note 1)
ns
QSPI_CSB non-active rising transition time
TCSB.OFF
0
TCLK
ns
QSPI_D[3:0] input setup time
TDI.SU
6
ns
QSPI_D[3:0] output delay time
TDO.DLY
2
ns
Note 1
TCLK = (FCLK× 106)-1 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com