Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 29Page - Renesas Technology Corp DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp DA16200 Datasheet HTML 36Page - Renesas Technology Corp DA16200 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
33 of 153
© 2023 Renesas Electronics
6.3
Low Power Operation Mode
DA16200 provides three Sleep modes as low power operation modes.
6.3.1
Sleep Mode 1
Sleep mode 1 is an operational mode in which the RTC_PWR_KEY is not turned to high yet. The
RTC_PWR_KEY is in the LOW state and the DA16200 is only supplied with VBAT power. With all
the internal blocks off in Sleep mode 1, only the leakage current from a minimal number of internal
blocks connected to VBAT remains.
6.3.2
Sleep Mode 2
Sleep mode 2 is an operational mode in which the RTC_PWR_KEY is set to high and the RTC block
is running. Sleep mode 2 is activated by setting RTC registers to control the power management unit
via a command from the CPU.
To turn Sleep mode 2 back to Sleep mode 1, set RTC_PWR_KEY to low.
Changing the state of the device from Sleep mode 2 to an ACTIVE state happens in one of two ways:
● The counter value is reached that is set by the CPU before entering Sleep mode 2
● An external wake-up event occurs via the RTC_WAKE_UP pin
6.3.3
Sleep Mode 3
Sleep mode 3 is a low power but fully connected Wi-Fi mode of operation. Sleep mode 3 checks for
incoming Wi-Fi network data traffic at regular intervals set by the user. For example, every one
second, three seconds, five seconds, and so on. The exact time interval is programmable.
Sleep mode 3 is activated by software commands. For more information, see Ref. [6].
A device can come out of Sleep mode 3 and into a fully ACTIVE state before the next targeted wake-
up time interval via a GPIO wake-up.
7
Core System
7.1
Arm Cortex-M4F Processor
The Cortex-M4F processor is a low-power processor that features low gate count, low interrupt
latency, low-cost debug, and includes floating point arithmetic functionality. The processor is intended
for deeply embedded applications that require fast interrupt response features.
The features of the Cortex-M4F processor in DA16200 are summarized below:
■ Operation clock frequency is up to 160 MHz
■ 32-bit Arm Cortex-M4F architecture optimized for embedded applications
■ Thumb-2 mixed 16/32-bit instruction set
■ Hardware division and fast multiplication
■ Includes Nested Vectored Interrupt Controller (NVIC)
■ SysTick timer provided by Cortex-M4F processor
■ Supports both standard JTAG (5-wire) and the low-pin-count Arm SWD (2-wire, TCLK/TMS)
debug interfaces
■ Cortex-M4F is binary compatible with Cortex-M3
For more information on the Arm Cortex-M4F, see Ref. [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com