Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp DA16200 Datasheet HTML 34Page - Renesas Technology Corp DA16200 Datasheet HTML 35Page - Renesas Technology Corp DA16200 Datasheet HTML 36Page - Renesas Technology Corp DA16200 Datasheet HTML 37Page - Renesas Technology Corp DA16200 Datasheet HTML 38Page - Renesas Technology Corp DA16200 Datasheet HTML 39Page - Renesas Technology Corp DA16200 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
36 of 153
© 2023 Renesas Electronics
Table 27: OTP Map
Offset
Field
Size (Bytes)
0x000
Dialog Reserved
1024
0x100
MAC Address #0 Low
4
0x101
MAC Address #0 High
4
0x102
MAC Address #1 Low
4
0x103
MAC Address #1 High
4
0x104
MAC Address #2 Low
4
0x105
MAC Address #2 High
4
0x106
MAC Address #3 Low
4
0x107
MAC Address #3 High
4
0x10A
XTAL Offset #0
4
0x10B
XTAL Offset #1
4
0x10C to 0x1FE
User Area
972
7.3.1.5
Serial Flash Interface
DA16200 supports an external serial memory interface, QSPI, explained in Section 9.1. This memory
is used for storing DA16200’s software code, including user application code, its predefined data, and
various configuration data in the form of NVRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com