Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 20Page - Renesas Technology Corp DA16200 Datasheet HTML 21Page - Renesas Technology Corp DA16200 Datasheet HTML 22Page - Renesas Technology Corp DA16200 Datasheet HTML 23Page - Renesas Technology Corp DA16200 Datasheet HTML 24Page - Renesas Technology Corp DA16200 Datasheet HTML 25Page - Renesas Technology Corp DA16200 Datasheet HTML 26Page - Renesas Technology Corp DA16200 Datasheet HTML 27Page - Renesas Technology Corp DA16200 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
24 of 153
© 2023 Renesas Electronics
5.4.2
WLAN Transmitter Characteristics
TA = +25 °C, VBAT = 3.3 V. Parameters are measured at ANT pin on CH1 (2412 MHz).
Table 14: WLAN Transmitter Characteristics
– QFN
Parameter
Condition
Min
Typ
Max
Units
Maximum Output Power measured
from IEEE spectral mask and EVM
1 Mbps DSSS
17.5
20.0
21.0
dBm
2 Mbps DSSS
17.5
20.0
21.0
5.5 Mbps CCK
17.5
20.0
21.0
11 Mbps CCK
17.5
20.0
21.0
6 Mbps OFDM
16.5
19.0
20.0
9 Mbps OFDM
16.5
19.0
20.0
12 Mbps OFDM
16.5
19.0
20.0
18 Mbps OFDM
16.5
19.0
20.0
24 Mbps OFDM
15.5
18.0
19.0
36 Mbps OFDM
15.5
18.0
19.0
48 Mbps OFDM
14.0
16.5
17.5
54 Mbps OFDM
13.0
15.5
16.5
MCS0 OFDM
16.5
19.0
20.0
MCS7 OFDM
13.0
15.5
16.5
Transmit center frequency accuracy
-20
+20
ppm
Table 15: WLAN Transmitter Characteristics
– fcCSP (Normal Power Mode)
Parameter
Condition
Min
Typ
Max
Units
Maximum Output Power measured
form IEEE spectral mask and EVM
1 Mbps DSSS
16.0
18.5
19.5
dBm
2 Mbps DSSS
16.0
18.5
19.5
5.5 Mbps CCK
16.0
18.5
19.5
11 Mbps CCK
16.0
18.5
19.5
6 Mbps OFDM
15.5
18.0
19.0
9 Mbps OFDM
15.5
18.0
19.0
12 Mbps OFDM
15.5
18.0
19.0
18 Mbps OFDM
15.5
18.0
19.0
24 Mbps OFDM
14.5
17.0
18.0
36 Mbps OFDM
14.5
17.0
18.0
48 Mbps OFDM
13.0
15.5
16.5
54 Mbps OFDM
12.0
14.5
15.5
MCS0 OFDM
15.5
18.0
19.0
MCS7 OFDM
12.0
14.5
15.5
Transmit center frequency accuracy
-20
+20
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com