Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 42Page - Renesas Technology Corp DA16200 Datasheet HTML 43Page - Renesas Technology Corp DA16200 Datasheet HTML 44Page - Renesas Technology Corp DA16200 Datasheet HTML 45Page - Renesas Technology Corp DA16200 Datasheet HTML 46Page - Renesas Technology Corp DA16200 Datasheet HTML 47Page - Renesas Technology Corp DA16200 Datasheet HTML 48Page - Renesas Technology Corp DA16200 Datasheet HTML 49Page - Renesas Technology Corp DA16200 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
46 of 153
© 2023 Renesas Electronics
● 0x8: DMA2_M1 (write port)
● 0x9: DMA of Crypto Engine
● 0xA: QSPI master – flash controller with XIP
● 0xB: Hardware Security Unit for Temporal Key Integrity Protocol (HSU for TKIP)
● 0xC: SPI master for another external SPI slaves
For more information to use this function, see Ref. [2].
7.9
Bus Protection of Serial Slave Interfaces
DA16200 supports a variety of serial slave interfaces, including SPI, I2C, and SDIO slaves.
When DA16200 interfaces with an external host, it is necessary to provide the access to the
authorized area. Therefore, DA16200 provides bus protection for serial slave interfaces.
The features of bus protection in DA16200 are summarized as follows:
■ Up to two accessible areas can be set and the setting unit is 4-byte
■ The bus protection provides the write/read protection function outside the set area
For more information to use this function, see Ref. [2].
7.10 Watchdog Timer
The watchdog timer in DA16200 is based on a 32-bit down-counter that is initialized from the reload
register, WDOGLOAD. The watchdog timer generates a regular interrupt, WDOGINT, depending on
the programmed value. The counter decrements by one on each positive clock edge of WDOGCLK
when the clock enable, WDOGCLKEN, is HIGH.
The watchdog monitors the interrupt and asserts a reset request signal, WDOGRES, when the
counter reaches 0, and the counter is stopped. On the next enabled WDOGCLK clock edge, the
counter is reloaded from the WDOGLOAD register and the countdown sequence continues. If the
interrupt is not cleared by the time the counter reaches 0 for a second time, the watchdog timer
reasserts the reset signal.
The watchdog timer applies a reset to the system in the event of a software failure, providing a way
to recover from software crashes. The watchdog unit can be enabled or disabled as required.
Figure 20 shows the watchdog timer block diagram.
Figure 20: Watchdog Timer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com