Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 65Page - Renesas Technology Corp DA16200 Datasheet HTML 66Page - Renesas Technology Corp DA16200 Datasheet HTML 67Page - Renesas Technology Corp DA16200 Datasheet HTML 68Page - Renesas Technology Corp DA16200 Datasheet HTML 69Page - Renesas Technology Corp DA16200 Datasheet HTML 70Page - Renesas Technology Corp DA16200 Datasheet HTML 71Page - Renesas Technology Corp DA16200 Datasheet HTML 72Page - Renesas Technology Corp DA16200 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
69 of 153
© 2023 Renesas Electronics
9.9
GPIO
All digital pads can be used as GPIO, and each GPIO port is mixed with a multi-functional interface.
The GPIO features of DA16200 are listed below:
■ Input or output lines in a programmable direction
■ Word and half word read/write access
■ Address-masked byte writes to facilitate quick bit set and clear operations
■ Address-based byte reads to facilitate quick bit test operations
■ Maskable interrupt generation based on input value change
■ Possible to be output signal of PWM[3:0], external interrupt, QSPI_CSB[3:1], RF_SW[1:0], and
UART_TXDOE[2:0] on the GPIO pins:
□ It provides special functions for GPIO pin use. PWM [3:0], external interrupt, QSPI_CSB [3:1],
RF_SW [1:0], and UART_TXDOE [2:0] signals can be output by selecting unused pins
among the GPIO pins. It is possible to select the function to be output from the GPIO register
setting and select the remaining GPIO pin without using it to output the specific function to the
desired GPIO pins
9.9.1
Antenna Switching Diversity
DA16200 provides the antenna switching diversity function for performance improvement in a multi-
path environment. A PHY block measures the RSSI of each antenna and selects the antenna with
the largest RSSI. The selected antenna is also used for transmission. To use this function, an
external switching element is required, and switching control is done through GPIOs. Two GPIOs can
be used for switching control, and for this purpose any unused pins among the GPIO pins can be
selected. The control signal can be changed by register setting to suit the external switching device.
RF Switch
DA16200
GPIO
2
ANT
Antenna1
Antenna2
Figure 47: Antenna Switching Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com