Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 92Page - Renesas Technology Corp DA16200 Datasheet HTML 93Page - Renesas Technology Corp DA16200 Datasheet HTML 94Page - Renesas Technology Corp DA16200 Datasheet HTML 95Page - Renesas Technology Corp DA16200 Datasheet HTML 96Page - Renesas Technology Corp DA16200 Datasheet HTML 97Page - Renesas Technology Corp DA16200 Datasheet HTML 98Page - Renesas Technology Corp DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
96 of 153
© 2023 Renesas Electronics
10.2 UART Register
There are three UARTs in DA162000. UART0 is a dedicated port for the debug console. The two
other UARTs, namely UART1 and UART2, are available to the user. HW flow control is possible at
UART1 but not at UART2.
RS485 and RS232 are supported in DA16200. The specifications supported for RS232 and RS485
are summarized as follows:
Specification
RS-232
RS-485
Differential
No
Yes
Operation Mode
Full duplex
Half duplex
Maximum Baud Rate
921600 Baud
5M Baud
Flow Control
Support
Support
Note 1
See the UART section in DA16200 SDK Programmer's Guide [6] for the pin configurations of the
UARTs.
The base address of each UART is:
● UART0: 4001_2XXX
● UART1: 4000_7XXX
● UART2: 4000_9XXX
Note 1
All UARTs have the same bit map.
Table 131: UART Registers Overview
Offset
Register
Description
0x000
UART_DATA
UART Data Register
0x004
UART_RXSTS /
UART_ERRCLR
UART Receive Status Register
Error Clear Register
0x018
UART_FLAG
UART Flag Register
0x024
UART_INTBRDIV
UART Integer Baud Rate Divisor Register
0x028
UART_FRABRDIV
UART Fractional Baud Rate Divisor Register
0x02C
UART_LCNTRL
UART Line Control Register
0x030
UART_CNTRL
UART Control Register
0x034
UART_INTFLS
UART Interrupt FIFO Level Select Register
0x038
UART_INTMSKSC
UART Interrupt Mask Set/Clear Register
0x040
UART_INTMSKSTS
UART Masked Interrupt Status Register
0x044
UART_INTCLR
UART Interrupt Clear Register
0x048
UART_DMACNTRL
UART DMA Control Register
0x04C
UART_WAEN
UART Word Access Enable Register
0x054
UART_485EN
UART RS-485 Mode Enable Register
Table 132: UART_DATA (0x000)
Bit
Mode
Symbol
Description
Reset
15:12
-
-
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com