Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp DA16200 Datasheet HTML 61Page - Renesas Technology Corp DA16200 Datasheet HTML 62Page - Renesas Technology Corp DA16200 Datasheet HTML 63Page - Renesas Technology Corp DA16200 Datasheet HTML 64Page - Renesas Technology Corp DA16200 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
61 of 153
© 2023 Renesas Electronics
DA16200
I2C_CLK
I2C_SDA
VDD_IO
Figure 35: I2C Pull-up Resistor
Pull-up resistor values may vary based on the board layout.
9.6
SD/eMMC
The SD/eMMC host interface of the DA16200 provides access to SD or eMMC memory cards. The
SD/eMMC host interface supports a 4-bit data bus with a maximum clock rate of 48 MHz giving a
maximum data rate of 24 MB/s (192 Mbps).
The SD/eMMC pin mux condition is defined in Table 46.
Table 46: SD/eMMC Master Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA4
34
F4
I/O
SD/eMMC_CMD
GPIOA5
33
D2
O
SD/eMMC_CLK
GPIOA9
29
H2
I/O
SD/eMMC_D0
GPIOA8
30
G3
I/O
SD/eMMC_D1
GPIOA7
31
E1
I/O
SD/eMMC_D2
GPIOA6
32
E3
I/O
SD/eMMC_D3
GPIOA10
28
F2
I
SD/eMMC_WRP
GPIOA1
38
C3
I
9.6.1
Block Diagram
Figure 36 shows the block diagram of the SD/eMMC host interface including the control register,
clock control, command/response pipe, data pipe, and AHB master interface blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com