Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp DA16200 Datasheet HTML 54Page - Renesas Technology Corp DA16200 Datasheet HTML 55Page - Renesas Technology Corp DA16200 Datasheet HTML 56Page - Renesas Technology Corp DA16200 Datasheet HTML 57Page - Renesas Technology Corp DA16200 Datasheet HTML 58Page - Renesas Technology Corp DA16200 Datasheet HTML 59Page - Renesas Technology Corp DA16200 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
56 of 153
© 2023 Renesas Electronics
9.4
SDIO
SDIO is a full/high speed card suitable for memory card and I/O card applications with low power
consumption. The full/high speed card supports SPI, 1-bit SD, and 4-bit SD transfer modes at the full
clock range of 0 to 50 MHz. To be compatible with the serviceable SDIO clock, the internal BUS
clock needs to be set to minimum 50 MHz. The CIS and CSA areas are located inside the internal
memory and the SDIO registers (CCCR and FBR) are programmed by the SD host.
Command
Decoder
APB bus
Interface
REG.
Control
Fn0 / Fn1
Decoder
DAT
Decoder
Response
Generator
CRC
Generator
2 port
Memory
DMA
Controller
Figure 30: SDIO Slave Block Diagram
Table 40 shows the pin definition of the SDIO interface.
The GPIOA4 and GPIOA5 pins are set to SDIO CMD and CLK by default. If SDIO initialization is
done and SDIO communication is enabled, then the SDIO data pin setting is done automatically. In
other words, when the SDIO communication is detected, the pin used as the SDIO data among the
GPIO pins is automatically activated in the SDIO use mode. However, the auto setting function is not
supported for the F_xxx pin used as the flash function.
Table 40: SDIO Slave Pin Configuration
Pin Name
Pin Number
I/O
Function Name
QFN
fcCSP
GPIOA4
34
F4
I/O
SDIO_CMD
GPIOA5
33
D2
I
SDIO_CLK
GPIOA9
29
H2
I/O
SDIO_D0
GPIOA8
30
G3
I/O
SDIO_D1
GPIOA7
31
E1
I/O
SDIO_D2
GPIOA6
32
E3
I/O
SDIO_D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com