Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 25Page - Renesas Technology Corp DA16200 Datasheet HTML 26Page - Renesas Technology Corp DA16200 Datasheet HTML 27Page - Renesas Technology Corp DA16200 Datasheet HTML 28Page - Renesas Technology Corp DA16200 Datasheet HTML 29Page - Renesas Technology Corp DA16200 Datasheet HTML 30Page - Renesas Technology Corp DA16200 Datasheet HTML 31Page - Renesas Technology Corp DA16200 Datasheet HTML 32Page - Renesas Technology Corp DA16200 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
29 of 153
© 2023 Renesas Electronics
capacitor value and required tolerance. Figure 7 and Figure 8 show connections for the RTC crystal
clock.
41
40
RTC_XI
RTC_XO
32.768kHz
C2
C1
Figure 7: RTC Crystal Connections - QFN
B4
C5
RTC_XI
RTC_XO
32.768kHz
C2
C1
Figure 8: RTC Crystal Connections
– fcCSP
Table 24 lists the RTC crystal requirements.
Table 24: RTC Crystal Requirements
Parameter
Condition
Min
Typ
Max
Units
Frequency
32.768
kHz
Frequency accuracy
Initial + temp + aging
-250
+250
ppm
Crystal ESR
100k
Ω
Load Capacitance
10
pF
Shunt Capacitance (Note 1)
15
pF
Note 1
There are no non-tunable capacitors inside.so, it must be adjusted using an external capacitor.
External Shunt capacitors (C1, C2) have 15pF mounted on the DA16200 Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com