Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 45Page - Renesas Technology Corp DA16200 Datasheet HTML 46Page - Renesas Technology Corp DA16200 Datasheet HTML 47Page - Renesas Technology Corp DA16200 Datasheet HTML 48Page - Renesas Technology Corp DA16200 Datasheet HTML 49Page - Renesas Technology Corp DA16200 Datasheet HTML 50Page - Renesas Technology Corp DA16200 Datasheet HTML 51Page - Renesas Technology Corp DA16200 Datasheet HTML 52Page - Renesas Technology Corp DA16200 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
49 of 153
© 2023 Renesas Electronics
8
Crypto Engine
The HW crypto engine provides acceleration of many crypto algorithms such as hashing, secret key
generation, encryption/decryption and sign/verify operations.
Table 32 shows the HW accelerated crypto algorithms supported by the DA16200. This table is cited
from Ref. [4]. Examples of how to use these crypto algorithms are explained in Ref. [2].
Table 32: HW Accelerated Crypto Algorithms in DA16200
Algorithm
Mode
Key Sizes
AES
ECB, CBC, CTR, OFB,
CMAC, CBC-MAC,
AESCCM, AES-CCM*, AES-
GCM
128 bits, 192 bits, and 256 bits.
AES key wrapping
N/A
All
Chacha20 and Poly1305
N/A
256 bits.
Diffie-hellman
● ANSI X9.42-2003: Public Key
Cryptography for the Financial
Services Industry: Agreement of
Symmetric Keys Using Discrete
Logarithm Cryptography
● Public-Key Cryptography Standards
(PKCS) #3: Diffie Hellman Key
Agreement Standard
N/A
1024 bits, 2048 bits, and 3072 bits.
ECC key generation
N/A
NIST curves and 25519 curves.
ECIES
N/A
NIST curves and 25519 curves.
ECDSA
N/A
NIST curves and ED25519.
ECDH
N/A
NIST curves and 25519 curves.
Hash
SHA1, SHA224 and SHA256.
N/A
HKDF
N/A
N/A
HMAC
SHA1, SHA224 and SHA256.
N/A
KDF
NIST SP 800-108: Recommendation for
Key Derivation Using Pseudorandom
Functions
CMAC or HMAC.
N/A
RSA PKCS#1 operations
● Public-Key Cryptography Standards
(PKCS) #1 v2.1: RSA Cryptography
Specifications
● Public-Key Cryptography Standards
(PKCS) #1 v1.5: RSA Encryption
Encryption and signature
schemes.
2048 bits, 3072 bits, and 4096 bits.
RSA key generation
N/A
2048 bits and 3072 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com