Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 17Page - Renesas Technology Corp DA16200 Datasheet HTML 18Page - Renesas Technology Corp DA16200 Datasheet HTML 19Page - Renesas Technology Corp DA16200 Datasheet HTML 20Page - Renesas Technology Corp DA16200 Datasheet HTML 21Page - Renesas Technology Corp DA16200 Datasheet HTML 22Page - Renesas Technology Corp DA16200 Datasheet HTML 23Page - Renesas Technology Corp DA16200 Datasheet HTML 24Page - Renesas Technology Corp DA16200 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
21 of 153
© 2023 Renesas Electronics
5.3
Electrical Characteristics
5.3.1
DC Parameters for Normal GPIOs
Table 6: DC Parameters for Normal GPIOs, 1.8 V IO
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Low Voltage
VIL
Guaranteed logic Low
level
VSS
0.3 ×
DVDD
V
Input High Voltage
VIH
Guaranteed logic High
level
0.7 × DVDD
DVDD
V
Output Low Voltage
VOL
DVDD=Min.
VSS
0.2 ×
DVDD
V
Output High Voltage
VOH
DVDD=Min.
0.8 × DVDD
DVDD
V
Pull-up Resistor
RPU
VPAD=VIH, DIO=Min.
32.4
kΩ
Pull-down Resistor
RPD
VPAD=VIL, DIO=Min.
32.4
(DVDD = 1.8 V, VDD_DIO1, VDD_DIO2 Logic Level)
Table 7: DC Parameters for Normal GPIOs, 3.3 V IO
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Low Voltage
VIL
Guaranteed logic Low
level
VSS
0.8
V
Input High Voltage
VIH
Guaranteed logic High
level
2.0
DVDD
V
Output Low Voltage
VOL
DVDD=Min.
VSS
0.4
V
Output High Voltage
VOH
DVDD=Min.
2.4
DVDD
V
Pull-up Resistor
RPU
VPAD=VIH, DIO=Min.
19.4
kΩ
Pull-down Resistor
RPD
VPAD=VIL, DIO=Min.
16.0
(DVDD= 3.3 V, VDD_DIO1, VDD_DIO2 Logic Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com