Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 76Page - Renesas Technology Corp DA16200 Datasheet HTML 77Page - Renesas Technology Corp DA16200 Datasheet HTML 78Page - Renesas Technology Corp DA16200 Datasheet HTML 79Page - Renesas Technology Corp DA16200 Datasheet HTML 80Page - Renesas Technology Corp DA16200 Datasheet HTML 81Page - Renesas Technology Corp DA16200 Datasheet HTML 82Page - Renesas Technology Corp DA16200 Datasheet HTML 83Page - Renesas Technology Corp DA16200 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
80 of 153
© 2023 Renesas Electronics
10 Register Map
10.1 GPIO Register
There are 15 GPIOs in DA16200. GPIOA[11:0] and GPIOC[8:6].
The GPIO features for this device are as follows:
● Input or output lines in a programmable direction
● Word and half word read/write access
● Address-masked byte writes to facilitate quick bit set and clear operations
● Address-based byte reads to facilitate quick bit test operations
● To make a GPIO pin an interrupt pin
● Possible to be output signal of PWM [3:0], external Interrupt, SPI_CSB [3:1], RF_SW [1:0] and
UART_TXDOE [1:0] on any GPIO pin
Table 62: GPIO Registers Overview
Address
Register
Description
Common control for GPIO Pin Status
0x5000_1208
FSEL_GPIO1
Function Selection of the GPIOA [14:0]
0x5000_120C
FSEL_GPIO2
Function Selection of the GPIOB [11:0] and GPIOC [8:0]
0x5000_1220
GPIO_DS
Driving Strength for GPIOA [14:0]
0x5000_1224
GPIO_SR
Slew Rate Control for GPIOA [14:0]
0x5000_1228
GPIO_PE_PS
Pull-up/Pull-down Control for GPIOA [14:0]
0x5000_122C
GPIO_IE_IS
Input enable/CMOS Control for GPIOA [14:0]
0x5000_1234
GPIO1_DS
Driving Strength for GPIOB [11:0]
0x5000_1238
GPIO1_SR
Slew Rate Control for GPIOB [11:0]
0x5000_123C
GPIO1_PE_PS
Pull-up/Pull-down Control for GPIOB [11:0]
0x5000_1240
GPIO1_IE_IS
Input enable/CMOS Control for GPIOB [11:0]
0x5000_1244
GPIO2_DS
Driving Strength for GPIOC [8:0]
0x5000_1248
GPIO2_SR
Slew Rate Control for GPIOC [8:0]
0x5000_124C
GPIO2_PE_PS
Pull-up/Pull-down Control for GPIOC [8:0]
0x5000_1250
GPIO2_IE_IS
Input enable/CMOS Control for GPIOC [8:0]
GPIO In/Out control
0x4001_0000
DataIn0
GPIOA Input value
0x4001_0004
DataOut0
GPIOA Output value
0x4001_0008
reserved
0x4001_000C
reserved
0x4001_0010
DataOut_Set0
GPIOA Data output enable set
0x4001_0014
DataOut_Clr0
GPIOA Data output clear
0x4001_0018
AltFunc_Set0
GPIOA Alternate Function output enable set
0x4001_001C
AltFunc_Clr0
GPIOA Alternate Function output clear
0x4001_0020
IntrEn_Set0
GPIOA Interrupt set
0x4001_0024
IntrEn_Clr0
GPIOA Interrupt clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com