Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 74Page - Renesas Technology Corp DA16200 Datasheet HTML 75Page - Renesas Technology Corp DA16200 Datasheet HTML 76Page - Renesas Technology Corp DA16200 Datasheet HTML 77Page - Renesas Technology Corp DA16200 Datasheet HTML 78Page - Renesas Technology Corp DA16200 Datasheet HTML 79Page - Renesas Technology Corp DA16200 Datasheet HTML 80Page - Renesas Technology Corp DA16200 Datasheet HTML 81Page - Renesas Technology Corp DA16200 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
78 of 153
© 2023 Renesas Electronics
9.13 Bluetooth Coexistence
The DA16200 provides a Bluetooth coexistence function to properly coordinate the use of the
2.4 GHz Wi-Fi radio with external devices that also use a 2.4 GHz radio such as Bluetooth.
9.13.1
Interface Configuration
The following three pins can be set in pin multiplexing:
● BT_sig0 (oWlanAct)
○ Output - indicates WLAN is currently active
● BT_sig1 (iBtAct)
○ Input - indicates BT/BLE is currently active
● BT_sig2 (iBTPri)
○ Input (optional) - indicates BT/BLE has higher priority than WLAN
A variety of configuration settings are available, including active high/low, manual force mode, use
status of the optional iBTPri function, and whether to switch oWlanAct to active in the event of
TX/RX/TRX.
DA16200
oWlanAct
iBtAct
iBtPri
BT/BLE
Figure 57: Bluetooth Coexistence Interface
9.13.2
Operation Scenario
Bluetooth coexistence can be enabled/disabled through configuration registers. The activation
scenarios based on the status of each pin are described below:
● BT_sig0 (oWlanAct)
○ When asserted, external BT/BLE is expected to stop occupying RF
● BT_sig1 (iBtAct)
○ When asserted, DA16200 stops occupying RF
● BT_sig2 (iBTPri)
○ Optional and thus may not be used
○ If it is used and DA16200’s iBtAct = Active while iBTPri = Non-Active, DA16200 may ignore
iBtAct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com