Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 98Page - Renesas Technology Corp DA16200 Datasheet HTML 99Page - Renesas Technology Corp DA16200 Datasheet HTML 100Page - Renesas Technology Corp DA16200 Datasheet HTML 101Page - Renesas Technology Corp DA16200 Datasheet HTML 102Page - Renesas Technology Corp DA16200 Datasheet HTML 103Page - Renesas Technology Corp DA16200 Datasheet HTML 104Page - Renesas Technology Corp DA16200 Datasheet HTML 105Page - Renesas Technology Corp DA16200 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
102 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
2'b00: PCM_8
PCM_8
8
R/W
MUTE
If set, SDATA output assert “0”
1'b0
7
R/W
HALF_DELAY
Relationship between FS and SCLK
1: Falling edge
1'b0
6
R/W
PCMM
If set, PCM Mode is enabled
1'b1
5
R/W
Right_Align
If set, PCM data output right is enabled
1'b0
4
R/W
ENDIAN
SDATA Output mode
1 = Big endian
0 = Little endian
1'b0
3
R/W
MCLK_INV
If set, MCLK inversion
1'b1
2
R/W
LRCK_INV
If set, LRCK inversion
1'b0
1
R/W
I2S_Enalbe
If set, I2S block is enabled
1'b0
0
R/W
CLK_DOWN
If set, output clock signals, LRCK/BCLK/SCLK, assert
“0”
1'b0
Table 148: I2S_CTRL1 (0x4001_4004)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
7
R/W
RxFIFO_Rst
Master Rx FIFO reset
0: reset
1: normal
1'b0
6
-
-
5
R/W
Left_Justify
Rx decoding left justified
1'b0
4
R/W
Rx_Mode
Rx decoding edge
0: rising edge @SCLK
1: falling edge
1'b0
3
R/W
Mst_RxEn
Master Rx load enable signal
0: Tx enable
1: Rx enable
1'b0
2
-
-
1
R/W
Rx_ChSel
Rx data channel selection
0=Rx decoding only Right channel
1=Rx decoding only Left channel
1'b0
0
R/W
LR_ChSel
Left/Right Channel selection
1: first data comes out LRCK high
0: first data comes out LRCK low duration
1'b0
Table 149: I2S_DATA (0x4001_4008)
Bit
Mode
Symbol
Description
Reset
31:0
R/W
I2S_DATA
I2S_DATA
write data @ Tx
read data @ Rx
32'b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com