Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16200 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button DA16200 Datasheet HTML 102Page - Renesas Technology Corp DA16200 Datasheet HTML 103Page - Renesas Technology Corp DA16200 Datasheet HTML 104Page - Renesas Technology Corp DA16200 Datasheet HTML 105Page - Renesas Technology Corp DA16200 Datasheet HTML 106Page - Renesas Technology Corp DA16200 Datasheet HTML 107Page - Renesas Technology Corp DA16200 Datasheet HTML 108Page - Renesas Technology Corp DA16200 Datasheet HTML 109Page - Renesas Technology Corp DA16200 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 154 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.6
04-Jan-2023
CFR0011-120-00
106 of 153
© 2023 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
31:16
-
-
Reserved
15
R/W
ALL_RST
Reset All H/W Circuit Control
0: Normal Operation
1: Reset
1'b0
14
R/W
HIF_RST
Control Register and H/W Circuit Control
0: Normal Operation
1: Reset
1'b0
13
R/W
CSM_RST
Command State Machine Reset Control
0: Normal Operation
1: Reset
1'b0
12
R/W
DSM_RST
Data State Machine Reset Control
0: Normal Operation
1: Reset
1'b0
11
R/W
STOP_XTR
Immediately Stop the Ongoing Data Transfer
0: Normal Operation
1: Immediately Stop the Ongoing Data Transfer
1'b0
9:8
R/W
WR_STR_CTL[1:0]
Data Transfer Start Control for Write Operation
2'b0x: The starting of write data is triggered by TRIG
bit of HIF_CMD_IDX register
2'b10: Not trigger the starting for write data
operation
2'b11: Trigger the starting for write data operation
2'b00
7
R/W
HIF_PWR_CTL
Host Interface Power Control
0: Turn-off host interface power
1: Turn-on host interface power
1'b0
6
-
-
Reserved
5
R/W
CDI_POL_CTL
Card Detect Input Polarity Control
0: low active
1: high active
1'b0
4
R/W
RD_CRC_CHK
Read Data CRC Check Control
0: Disable
1: Enable
1'b1
3
R/W
RSP_CRC_CK
Response CRC Check Control
0: Disable
1: Enable
1'b1
2
R/W
BUS_4BIT
4 Bit Data Bus Mode
0: 1-bit Mode
1: 4-bit Mode
1'b0
Bit
Mode
Symbol
Description
Reset
1
R/W
HIGH_SPD
High Speed Timing Mode
0: Default Speed Timing Mode (SDC and
SDATA[3:0] signals output at clock falling edge)
1: High Speed Timing Mode (SDC and SDATA[3:0]
signals output at clock rising edge)
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com