Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9000 Datasheet (PDF) - Renesas Technology Corp

FC9000 Datasheet PDF - Renesas Technology Corp
Part # FC9000
Download  FC9000 Download
File Size   407.03 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Power Wi-Fi® SoC Full Offload System-on-Chip for IoT Applications

FC9000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC9000 Datasheet PDF - Renesas Technology Corp

Part # FC9000
Download  FC9000 Click to download

File Size   407.03 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra Low Power Wi-Fi® SoC Full Offload System-on-Chip for IoT Applications

FC9000 Datasheet (HTML) - Renesas Technology Corp


FC9000 Product details

Features
• Highly Integrated Ultra Low Power Wi-Fi® System On Chip
• Full Offload : SoC runs full Networking OS & TCP/IP Stack
• Wi-Fi Processor
– IEEE 802.11b/g/n, 1x1 MIMO, 20MHz channel bandwidth, 2.4GHz
– On-chip PA, LNA, and RF Switch
– Wi-Fi Security (802.11i): WPA-Enterprise, WPA-Personal, WPA2-Enterprise, WPA2-Personal
– Vendor EAP Types: EAP-TTLS/MSCHAPv2, PEAPv0/EAP-MSCHAPv2, PEAPv1, EAP-FAST, EAP-TLS
– Operating Modes: Station, SoftAP, and Wi-Fi Direct® Modes
– WPS2 for Easy Wi-Fi Provisioning
– Connection Manager for Autonomous and Fast Wi-Fi Connections
• CPU Core Subsystem
– ARM Cortex-M0+ Core w/ Clock Frequency of 40~200MHz
– Embedded Memory




Similar Part No. - FC9000

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
FC9001-0010 BECKHOFF-FC9001-0010 Datasheet
109Kb / 2P
Infrastructure, 1-channel fieldbus card, Ethernet, 100 Mbit/s, PCI, RJ45
FC9002 BECKHOFF-FC9002 Datasheet
141Kb / 2P
Infrastructure, 2-channel fieldbus card, Ethernet, 100 Mbit/s, PCI, RJ45
FC9004 BECKHOFF-FC9004 Datasheet
143Kb / 2P
Infrastructure, 4-channel fieldbus card, Ethernet, 100 Mbit/s, PCI, RJ45
More results


Similar Description - FC9000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI1-CC1110FX_16 Datasheet
3Mb / 249P
Low-Power SoC (System-on-Chip)
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip)
logo
Advantech Co., Ltd.
WISE-1520 ADVANTECH-WISE-1520 Datasheet
382Kb / 2P
M2.COM Low Power Wi-Fi IoT Node
logo
Qorvo, Inc
QPQ1906 QORVO-QPQ1906 Datasheet
299Kb / 5P
Wi-Fi/IoT bandBoost Filter
QPQ1905 QORVO-QPQ1905 Datasheet
306Kb / 6P
Wi-Fi/IoT bandBoost Filter
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
logo
Renesas Technology Corp
DA16200 RENESAS-DA16200 Datasheet
3Mb / 154P
Ultra Low Power Wi-Fi SoC
04-Jan-2023
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com