Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9217 Datasheet (PDF) - Renesas Technology Corp

DA9217 Datasheet PDF - Renesas Technology Corp
Part # DA9217
Download  DA9217 Download
File Size   1435.18 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance Dual-Phase DC-DC Converter

DA9217 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9217 Datasheet PDF - Renesas Technology Corp

Part # DA9217
Download  DA9217 Click to download

File Size   1435.18 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance Dual-Phase DC-DC Converter

DA9217 Datasheet (HTML) - Renesas Technology Corp


DA9217 Product details

Key Features
■ 2.5 V to 5.5 V input voltage
■ 0.3 V to 1.9 V output voltage
■ 4 MHz nominal switching frequency
■ ±1 % accuracy (static)
■ ±5 % accuracy (dynamic)
■ I2C-compatible interface (FM+)
■ Programmable GPIOs
■ Programmable soft-start
■ Voltage, current, and temperature
supervision
■ -40 °C to +85 ºC ambient temperature
range
■ Package:
24WLCSP 2.5 mm x 1.7 mm (0.4 mm pitch)
Applications
■ SIPP modules (SoC, DRAM)
■ Smartphones
■ Tablet PCs
■ Infotainment
■ Ultrabooks™
■ Wi-Fi Modules
■ Game Consoles




Similar Part No. - DA9217

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9217 DIALOG-DA9217 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
DA9217-20V72 DIALOG-DA9217-20V72 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
DA9217-20V76 DIALOG-DA9217-20V76 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
DA9217-XXV72 DIALOG-DA9217-XXV72 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
DA9217-XXV76 DIALOG-DA9217-XXV76 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
More results


Similar Description - DA9217

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9121 DIALOG-DA9121 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
DA9122 DIALOG-DA9122 Datasheet
1Mb / 60P
High-Performance Dual-Channel DC-DC Converter
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
DA9217 DIALOG-DA9217 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
DA9220 DIALOG-DA9220 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
DA9122 RENESAS-DA9122 Datasheet
1Mb / 61P
High-Performance Dual-Channel DC-DC Converter
15-Feb-2022
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9130 RENESAS-DA9130 Datasheet
899Kb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
14-Apr-2022
DA9220 RENESAS-DA9220 Datasheet
1Mb / 66P
High-Performance Dual-Channel DC-DC Converter
15-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com