Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9220 Datasheet (PDF) - Renesas Technology Corp

DA9220 Datasheet PDF - Renesas Technology Corp
Part # DA9220
Download  DA9220 Download
File Size   1599.71 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance Dual-Channel DC-DC Converter

DA9220 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9220 Datasheet PDF - Renesas Technology Corp

Part # DA9220
Download  DA9220 Click to download

File Size   1599.71 Kbytes
Page   66 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance Dual-Channel DC-DC Converter

DA9220 Datasheet (HTML) - Renesas Technology Corp


DA9220 Product details

Key Features
■ 2.5 V to 5.5 V input voltage
■ 0.3 V to 1.9 V output voltage
■ 4 MHz nominal switching frequency
■ ±1 % accuracy (static)
■ ±5 % accuracy (dynamic)
■ I2C-compatible interface (FM+)
■ Programmable GPIOs
■ Programmable soft-start
■ Voltage, current, and temperature
supervision
■ -40 °C to +85 ºC ambient temperature
range
■ Package:
24WLCSP 2.5 mm x 1.7 mm (0.4 mm pitch)
Applications
■ SIPP modules (SoC, DRAM)
■ Smartphones
■ Tablet PCs
■ Infotainment
■ Ultrabooks™
■ Wi-Fi Modules
■ Game Consoles




Similar Part No. - DA9220

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9220 DIALOG-DA9220 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
DA9220-70V72 DIALOG-DA9220-70V72 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
DA9220-70V76 DIALOG-DA9220-70V76 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
DA9220-71V72 DIALOG-DA9220-71V72 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
DA9220-71V76 DIALOG-DA9220-71V76 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
More results


Similar Description - DA9220

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9122 DIALOG-DA9122 Datasheet
1Mb / 60P
High-Performance Dual-Channel DC-DC Converter
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9132-A DIALOG-DA9132-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9217 DIALOG-DA9217 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
DA9220 DIALOG-DA9220 Datasheet
1Mb / 62P
High-Performance Dual-Channel DC-DC Converter
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
DA9122 RENESAS-DA9122 Datasheet
1Mb / 61P
High-Performance Dual-Channel DC-DC Converter
15-Feb-2022
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9132-A RENESAS-DA9132-A Datasheet
1,015Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9217 RENESAS-DA9217 Datasheet
1Mb / 50P
High-Performance Dual-Phase DC-DC Converter
10-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com