Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9231 Datasheet (PDF) - Renesas Technology Corp

DA9231 Datasheet PDF - Renesas Technology Corp
Part # DA9231
Download  DA9231 Download
File Size   2268.57 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current Buck and LDO

DA9231 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9231 Datasheet PDF - Renesas Technology Corp

Part # DA9231
Download  DA9231 Click to download

File Size   2268.57 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current Buck and LDO

DA9231 Datasheet (HTML) - Renesas Technology Corp


DA9231 Product details

Key Features
■ 300 mA buck regulator
□ 750 nA total input current (buck enabled
no load, LDO disabled)
□ Up to 81% efficiency at 1.8 V output,
10 μA load current
□ Input voltage 2.5 V to 5.5 V (Minimum
2.75 V for start-up)
□ Output voltage 0.6 V to 1.9 V
□ Dynamic Voltage Control (DVC)
■ 100 mA LDO/Load Switch
□ Ultra-low quiescent current
□ Input voltage 1.8 V to 5.5 V
□ Output voltage 0.7 V to 3.3 V
■ I2C interface for device configuration and
control
■ Protection features and System monitors
■ Small 1.65 mm x 1.25 mm, 12-pin WLCSP
package




Similar Part No. - DA9231

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
logo
Renesas Technology Corp
DA9231 RENESAS-DA9231 Datasheet
2Mb / 56P
Ultra-Low Quiescent Current Buck and LDO
13-Jun-2023
logo
Dialog Semiconductor
DA9231-0BVZ2 DIALOG-DA9231-0BVZ2 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
logo
Renesas Technology Corp
DA9231-0BVZ2 RENESAS-DA9231-0BVZ2 Datasheet
2Mb / 56P
Ultra-Low Quiescent Current Buck and LDO
13-Jun-2023
logo
Dialog Semiconductor
DA9231-0CVZ2 DIALOG-DA9231-0CVZ2 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
More results


Similar Description - DA9231

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com