Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9230 Datasheet (PDF) - Renesas Technology Corp

DA9230 Datasheet PDF - Renesas Technology Corp
Part # DA9230
Download  DA9230 Download
File Size   2020.54 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current Buck

DA9230 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9230 Datasheet PDF - Renesas Technology Corp

Part # DA9230
Download  DA9230 Click to download

File Size   2020.54 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current Buck

DA9230 Datasheet (HTML) - Renesas Technology Corp


DA9230 Product details

Key Features
■ 300 mA buck regulator
□ 750 nA total input current (buck enabled
no load)
□ Up to 81% efficiency at 1.8 V output,
10 μA load currents
□ Input voltage 2.5 V to 5.5 V(Minimum
2.75 V for start up)
□ Output voltage 0.6 V to 1.9 V
□ Dynamic Voltage Control (DVC)
■ I2C interface for device configuration and
control
■ Protection features and System Monitors
■ Small 1.65 mm x 1.25 mm, 12-pin WLCSP
package




Similar Part No. - DA9230

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
13-Jun-2023
logo
Dialog Semiconductor
DA9230-07VZ2 DIALOG-DA9230-07VZ2 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9230-07VZ2 RENESAS-DA9230-07VZ2 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
13-Jun-2023
logo
Dialog Semiconductor
DA9230-08VZ2 DIALOG-DA9230-08VZ2 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
More results


Similar Description - DA9230

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
ACE Technology Co., LTD...
ACE7207D ACE-ACE7207D Datasheet
568Kb / 8P
1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
VER 1.1
logo
Texas Instruments
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com