Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9070 Datasheet (PDF) - Renesas Technology Corp

DA9070 Datasheet PDF - Renesas Technology Corp
Part # DA9070
Download  DA9070 Download
File Size   3115.21 Kbytes
Page   133 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current PMIC

DA9070 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9070 Datasheet PDF - Renesas Technology Corp

Part # DA9070
Download  DA9070 Click to download

File Size   3115.21 Kbytes
Page   133 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current PMIC

DA9070 Datasheet (HTML) - Renesas Technology Corp


DA9070 Product details

General Description
DA9070 is a highly integrated, configurable, low quiescent current PMIC that integrates the most
common needs for wearables, home automation and low power battery applications.
The Power Management IC (PMIC) comprises a linear charger with Power Path management, ultralow quiescent current (Iq) buck regulator and LDO/Load Switches, wide output voltage boost
regulator, analog battery monitor, watchdog and protection features in an I2C configurable compact
WLCSP package.
DA9070 has several power saving modes to increase battery life whether the product sits on the
shelf or is in operation. Further savings in power are achieved with the ultra-low Iq buck converter
that is efficient down to 10 µA load currents and low Iq LDOs. The uncommitted inputs of LDOs can
be connected to either the battery or buck output.
The integrated, high-efficiency boost regulator supports both sensors and display supply needs with
a wide range configurable output voltage.
DA9070 provides charge current up to 500 mA to speed up the charge cycle. The charge profile is
programmable by external resistors or in software, allowing either stand-alone operation or host
control.
DA9070 includes dynamic power path management which automatically balancing current delivered
to the system and battery charging.
Suitable for small battery applications, the battery monitor facilitates on-demand battery voltage and
discharge current monitors to an external MCU’s ADC for supporting software fuel gauging.


Key Features
■ Increased battery life
□ 800 nA (no load, total battery current) buck
converter, programmable down to 0.6 V,
300 mA-capable
□ Three configurable 800nA Quiescent
Current LDOs/Load Switches, 150 mAcapable
■ Power saving modes optimized for storage
and operation
■ Battery protection
□ Battery thermal- and over-discharge
protection
□ 20 V tolerant input
□ Automatic battery temperature monitoring
in all operation modes
■ Configurable battery monitors
□ Battery current (IMON)
□ Battery voltage (VBAT_DIV)
□ Battery temperature (TEMP_SNS)
■ High integration and configurability
□ Wide output voltage boost regulator
(4.5V to 18 V)
□ I
2C enabled analog battery monitors for
Software Fuel Gauging
□ Watchdog input and power-cycling to
prevent system stall
□ Reset input and status outputs
□ Low external component count
□ Compact, 42 pin, 2.97 mm x 2.66 mm
WLCSP package
■ Fast charge
□ 500 mA (max) charge current; 2 mA (min)
□ Programmable pre-charge, fast charge,
and termination voltage
□ Dynamic power path balances multiple
power sources
□ Termination current programmable down
to 500 µA




Similar Part No. - DA9070

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
2Mb / 132P
Ultra-Low Quiescent Current PMIC
13-Jun-2023
logo
Dialog Semiconductor
DA9070-XXV32 DIALOG-DA9070-XXV32 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070-XXV32 RENESAS-DA9070-XXV32 Datasheet
2Mb / 132P
Ultra-Low Quiescent Current PMIC
13-Jun-2023
logo
Dialog Semiconductor
DA9070-XXV36 DIALOG-DA9070-XXV36 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
More results


Similar Description - DA9070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
Low-Quiescent-Current, Multi-Mode PMIC
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
Ultra-Low Quiescent Current PMIC
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
Ultra-Low Quiescent Current PMIC
13-Oct-2020
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com