Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet (PDF) - Renesas Technology Corp

DA9072 Datasheet PDF - Renesas Technology Corp
Part # DA9072
Download  DA9072 Download
File Size   2629.07 Kbytes
Page   115 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current PMIC

DA9072 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9072 Datasheet PDF - Renesas Technology Corp

Part # DA9072
Download  DA9072 Click to download

File Size   2629.07 Kbytes
Page   115 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Quiescent Current PMIC

DA9072 Datasheet (HTML) - Renesas Technology Corp


DA9072 Product details

General Description
DA9072 is a highly integrated, configurable, low quiescent current power management IC (PMIC)
that integrates the most common needs for wearables, home automation, and low power battery
applications.
The PMIC comprises a linear charger with power path management, ultra-low quiescent current (IQ)
buck regulator and LDO/load switches, analog battery monitor, watchdog and protection features in
an I2C configurable compact WLCSP package.
DA9072 has several power saving modes to increase battery life whether the product sits on the
shelf or is in operation. Further savings in power are achieved with the ultra-low IQ buck converter
(efficient down to 10 µA load currents) and low IQ LDOs. The uncommitted inputs of LDOs can be
connected to either the battery or buck output.
DA9072 provides charge current up to 500 mA to speed up the charge cycle. The charge profile is
programmable by external resistors or in software, allowing either stand-alone operation or host
control.
DA9072 includes dynamic power path management which automatically balances current delivered
to the system and for battery charging.
Suitable for small battery applications, the battery monitors facilitate on-demand battery voltage and
discharge current information to an external MCU’s ADC to support software-based fuel gauging.

Key Features
■ Increased battery life
□ 800 nA (no load, total battery current) buck
converter, programmable down to 0.6 V,
300 mA-capable
□ Three configurable 800 nA quiescent
current LDOs/load switches, 150 mAcapable
■ Power saving modes optimized for storage
and operation
■ Battery protection
□ Battery thermal- and over-discharge
protection
□ 20 V tolerant input
□ Automatic battery temperature monitoring
in all operation modes
■ Configurable battery monitors
□ Battery current (IMON)
□ Battery voltage (VBAT_DIV)
□ Battery temperature (TEMP_SNS)
■ High integration and configurability
□ I
2C enabled analog battery monitors for
software-based fuel gauging
□ Watchdog input and power cycling to
prevent system stall
□ Reset input and status outputs
□ Low external component count
□ Compact 42 pin, 2.97 mm x 2.66 mm
WLCSP package
■ Fast charge
□ 500 mA (max) charge current; 2 mA (min)
□ Programmable pre-charge, fast charge,
and termination voltage
□ Dynamic power path balances multiple
power sources
□ Termination current programmable down
to 500 µA
□ ±0.5 % accurate termination voltage




Similar Part No. - DA9072

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9072 RENESAS-DA9072 Datasheet
2Mb / 117P
Ultra-Low Quiescent Current PMIC
13-Jun-2023
logo
Dialog Semiconductor
DA9072-XXOH2 DIALOG-DA9072-XXOH2 Datasheet
2Mb / 113P
Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9072-XXOH2 RENESAS-DA9072-XXOH2 Datasheet
2Mb / 117P
Ultra-Low Quiescent Current PMIC
13-Jun-2023
logo
Dialog Semiconductor
DA9072-XXOH6 DIALOG-DA9072-XXOH6 Datasheet
2Mb / 113P
Ultra-Low Quiescent Current PMIC
More results


Similar Description - DA9072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
Low-Quiescent-Current, Multi-Mode PMIC
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
Ultra-Low Quiescent Current PMIC
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
Ultra-Low Quiescent Current PMIC
13-Oct-2020
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com