Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1627D1G25 Datasheet (PDF) - Renesas Technology Corp

DAC1627D1G25 Datasheet PDF - Renesas Technology Corp
Part # DAC1627D1G25
Download  DAC1627D1G25 Download
File Size   1023.33 Kbytes
Page   81 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating

DAC1627D1G25 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1627D1G25 Datasheet PDF - Renesas Technology Corp

Part # DAC1627D1G25
Download  DAC1627D1G25 Click to download

File Size   1023.33 Kbytes
Page   81 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating

DAC1627D1G25 Datasheet (HTML) - Renesas Technology Corp


DAC1627D1G25 Product details

Features and benefits
 Dual-channel 16-bit resolution
 1.25 Gsps maximum update rate
 Selectable ×2, ×4 and ×8 interpolation
filters
 Low noise capacitor-free integrated
Phase-Locked Loop (PLL)
 Embedded Numerically Controlled
Oscillator (NCO) with 40-bit
programmable frequency
 Embedded complex (I/Q) modulator
 Two power supplies
 LVDS DDR compatible input interface
with on-chip 100 W terminations
 LVDS DDR input clock up to 400 MHz
 LVDS or LVPECL compatible DAC clock
 Interleaved or folded I and Q data input mode
 Synchronization of multiple DAC
devices
 3-wire or 4-wire mode SPI interface
 Differential scalable output current from
8.1 mA to 34 mA
 External analog offset control
(10-bit auxiliary DACs)
 High resolution internal digital gain and
offset control to support high
performance IQ-modulator image
rejection
 Internal phase correction
 Inverse (sin x) / x function
 Power-down mode and Sleep mode;
5-bit NCO low-power mode
 On-chip 1.25 V reference
 Industrial temperature range −40 °C to +85 °C
 72 pins small form factor HVQFN package




Similar Part No. - DAC1627D1G25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
More results


Similar Description - DAC1627D1G25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Renesas Technology Corp
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com