Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1653D Datasheet (PDF) - Renesas Technology Corp

DAC1653D Datasheet PDF - Renesas Technology Corp
Part # DAC1653D
Download  DAC1653D Download
File Size   3912.38 Kbytes
Page   168 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating

DAC1653D Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1653D Datasheet PDF - Renesas Technology Corp

Part # DAC1653D
Download  DAC1653D Click to download

File Size   3912.38 Kbytes
Page   168 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating

DAC1653D Datasheet (HTML) - Renesas Technology Corp


DAC1653D Product details

FEATURES AND BENEFITS
 Dual channel 16-bit resolution
 2.0 GSps maximum output update rate
 JEDEC JESD204B device subclass I compatible:
SYSREF based deterministic and repeatable interface
latency
 Multiple device synchronization enables multiple DAC
channels to be sample synchronous and phase coherent
to within one DAC clock period
 1, 2 or 4 configurable JESD204B serial input lanes
running up to 10 Gbps with embedded termination and
programmable equalization gain (CTLE)
 1 Gsps maximum baseband input data rate
 SPI interface (3-wire or 4-wire mode) for control setting
and status monitoring
 Differential scalable output current from 10 mA to 30 mA
 Embedded NCO with 40-bit programmable frequency
and 16-bit phase adjustment
 Embedded complex (IQ) digital modulator
 1.2 V and 3.3 V power supplies (for DAC1653D series,
the 3.3V supply voltage can be lowered to 2.7V for lower
power consumption)
 Flexible SPI power supply (1.8 V or 1.2 V) ensuring
compatibility with on-board SPI bus
 Flexible differential SYNC signals power supply (1.8 V or
1.2 V) ensuring compatibility with on-board devices
 Embedded Temperature Sensor
 Configurable IOs pins for monitoring, interrupt
 XBERT features (PRBS31, 23, 15, 7, JTSPAT, STLTP)
 SFDRRBW = 88 dBc typical (fs = 1.50 Gsps;
interpolation 2; bandwidth = 250 MHz; fout = 150 MHz)
 NSD = 167 dBc/Hz typical (fo = 70 MHz)
 IMD3 = 85 dBc typical (fs = 1.50 Gsps; interpolation 2;
fo1 = 152 MHz; fo2 = 155.1 MHz)
 Four carriers ACLR = 76 dB typical (fs = 1.50 Gsps;
fNCO = 350 MHz)
 RF enable/disable pin and RF automatic mute
 Clock divider by 2, 4, 6 and 8 available at the input of the
clock path
 Group delay compensation
 Analog offset control (10-bit auxiliary DACs)
 Power-down mode controls
 On-chip 0.7 V reference
 Industrial temperature range 40 C to +85 C
 Low (DAC1653D) or high (DAC1658D) common-mode
output voltage
 VFQFP-N 56 package (8 mm  8 mm)
 Embedded Power On Reset
 Lane swapping and polarity swapping
 Signal Power Detector, IQ-Range detector, Level
detectors with Auto-Mute feature




Similar Part No. - DAC1653D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1653Q IDT-DAC1653Q Datasheet
5Mb / 101P
Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Integrated Device Techn...
DAC1653Q1G0NAGA IDT-DAC1653Q1G0NAGA Datasheet
5Mb / 101P
Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
logo
Renesas Technology Corp
DAC1653Q1G0NAGA RENESAS-DAC1653Q1G0NAGA Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA8 RENESAS-DAC1653Q1G0NAGA8 Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results


Similar Description - DAC1653D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
DAC1653Q IDT-DAC1653Q Datasheet
5Mb / 101P
Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com