Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1653Q Datasheet (PDF) - Integrated Device Technology

DAC1653Q Datasheet PDF - Integrated Device Technology
Part # DAC1653Q
Download  DAC1653Q Download
File Size   5697.49 Kbytes
Page   101 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50

DAC1653Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1653Q Datasheet PDF - Integrated Device Technology

Part # DAC1653Q
Download  DAC1653Q Click to download

File Size   5697.49 Kbytes
Page   101 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50

DAC1653Q Datasheet (HTML) - Integrated Device Technology




Similar Part No. - DAC1653Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA RENESAS-DAC1653Q1G0NAGA Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA8 RENESAS-DAC1653Q1G0NAGA8 Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA RENESAS-DAC1653Q1G5NAGA Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA8 RENESAS-DAC1653Q1G5NAGA8 Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results


Similar Description - DAC1653Q

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
Micropower Quad 10-Bit DAC
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
Dual 10-bit DAC, up to 125 Msps
2 July 2012
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com