Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6201 Datasheet (PDF) - Renesas Technology Corp

EL6201 Datasheet PDF - Renesas Technology Corp
Part # EL6201
Download  EL6201 Download
File Size   641.42 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 430MHz HFM Oscillator with Disable

EL6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6201 Datasheet PDF - Renesas Technology Corp

Part # EL6201
Download  EL6201 Click to download

File Size   641.42 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 430MHz HFM Oscillator with Disable

EL6201 Datasheet (HTML) - Renesas Technology Corp


EL6201 Product details

Features
• Small SOT-23 and MSOP8 packages
• Frequency to 430MHz min
• Amplitude to 25mAP-P min
• Output tristate function (MSOP8)
• Power-down function (MSOP8)
• Single +3.5V to +5.0V supply
• Simple to use - only two external resistors required
• Independent resistor setting for frequency and amplitude
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• DVD players
• DVD-ROM drives
• DVD-RAM drives
• CD-RW drives
• MO drives
• Optical pickup head assembly
• Laser diode modulation
• Local oscillator
• Communications lasers




Similar Part No. - EL6201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
October 25, 2004
EL6201 INTERSIL-EL6201 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
Low Power 430 MHz HFM Oscillator w/Disable
EL6201CW ELANTEC-EL6201CW Datasheet
135Kb / 2P
Low Power 430 MHz HFM Oscillator w/Disable
logo
Intersil Corporation
EL6201CW-T7 INTERSIL-EL6201CW-T7 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
October 25, 2004
More results


Similar Description - EL6201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
logo
Elantec Semiconductor
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
450 MHz HFM Oscillator
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
Low Power 430 MHz HFM Oscillator w/Disable
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
October 25, 2004
EL6201 INTERSIL-EL6201_07 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Analog Devices
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com