Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6200C Datasheet (PDF) - Elantec Semiconductor

EL6200C Datasheet PDF - Elantec Semiconductor
Part # EL6200C
Download  EL6200C Download
File Size   35.81 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 450 MHz HFM Oscillator

EL6200C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6200C Datasheet PDF - Elantec Semiconductor

Part # EL6200C
Download  EL6200C Click to download

File Size   35.81 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 450 MHz HFM Oscillator

EL6200C Datasheet (HTML) - Elantec Semiconductor


EL6200C Product details

General Description
The EL6200C is a solid state high performance laser modulation oscillator with external resistor adjustable frequency and amplitude. The EL6200C is available in the 5-pin SOT23 to enable device placement close to the laser for reduced EMI signature.

Features
• Small 5-pin SOT-23 package
• Frequency to 450 MHz typ.
• Amplitude to 100mA pk/pk typ.
• Single +3.5V to +5.0V supply
• Simple to use - only two external resistors required
• Independent resistor setting for frequency and amplitude.

Applications
• DVD- Players
• Optical disk drives
• DVD-ROM drives
• DVD-RAM drives
• CD-RW drives
• MO drives
• Optical pickup head assembly
• Laser diode modulation
• Local oscillator
• Communications lasers




Similar Part No. - EL6200C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
October 25, 2004
EL6201 INTERSIL-EL6201 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
Low Power 430 MHz HFM Oscillator w/Disable
EL6201CW ELANTEC-EL6201CW Datasheet
135Kb / 2P
Low Power 430 MHz HFM Oscillator w/Disable
More results


Similar Description - EL6200C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5122A MOTOROLA-MHW5122A Datasheet
61Kb / 4P
450 MHz CATV Amplifier
MHW5182A MOTOROLA-MHW5182A Datasheet
63Kb / 4P
450 MHz CATV Amplifier
MHW5342A MOTOROLA-MHW5342A Datasheet
63Kb / 4P
450 MHz CATV Amplifier
MHW5382A MOTOROLA-MHW5382A Datasheet
62Kb / 4P
450 MHz CATV Amplifier
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
Low Power 430 MHz HFM Oscillator w/Disable
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
October 25, 2004
EL6201 INTERSIL-EL6201_07 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
SYNERGY MICROWAVE CORPO...
DCMO1545 SYNERGY-DCMO1545 Datasheet
307Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 150 - 450 MHz
logo
Murata Manufacturing Co...
TXC100 MURATA-TXC100 Datasheet
456Kb / 11P
300-450 MHz Transmitter
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com