Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S401 Datasheet (PDF) - Renesas Technology Corp

ICS932S401 Datasheet PDF - Renesas Technology Corp
Part # ICS932S401
Download  ICS932S401 Download
File Size   389.69 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub for Intel-based Servers

ICS932S401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S401 Datasheet PDF - Renesas Technology Corp

Part # ICS932S401
Download  ICS932S401 Click to download

File Size   389.69 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub for Intel-based Servers

ICS932S401 Datasheet (HTML) - Renesas Technology Corp


ICS932S401 Product details

Recommended Application:
CK410B clock for Intel-based servers
Output Features:
• 4 - 0.7V current-mode differential CPU pairs
• 5 - 0.7V current-mode differential SRC pair
• 4 - PCI (33MHz)
• 3 - PCICLK_F, (33MHz) free-running
• 1 - 48MHz
• 2 - REF, 14.318MHz
Key Specifications:
• CPU cycle-cycle jitter: < 50ps
• SRC cycle-cycle jitter: < 125ps
• PCI cycle-cycle jitter: < 500ps
• CPU output skew: < 50ps
• SRC output skew: < 250ps
• ± 300ppm frequency accuracy on all outputs except
48MHz
• ± 100ppm frequency accuracy on 48MHz
Features/Benefits:
• Supports spread spectrum modulation, 0 to -0.5%
down spread
• Uses external 14.318MHz crystal and external load
capacitors for low ppm synthesis error
• CPU clocks independent of SRC/PCI clocks
• D2/D3 SMBus address




Similar Part No. - ICS932S401

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS932S421B IDT-ICS932S421B Datasheet
226Kb / 23P
PCIe Gen2 and QPI Clock for Intel-Based Servers
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
PCIe Gen 2 main Clock for Intel-based Servers
2019
logo
Integrated Circuit Syst...
ICS932S422CFLFT ICST-ICS932S422CFLFT Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
More results


Similar Description - ICS932S401

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com