Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

READ2353J Datasheet (PDF) - Renesas Technology Corp

READ2353J Datasheet PDF - Renesas Technology Corp
Part # READ2353J
Download  READ2353J Download
File Size   829.02 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description  Ultra-Small Low Voltage Drive Input Output Full Range

READ2353J Datasheet (PDF)

Go To PDF Page Download Datasheet
READ2353J Datasheet PDF - Renesas Technology Corp

Part # READ2353J
Download  READ2353J Click to download

File Size   829.02 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description  Ultra-Small Low Voltage Drive Input Output Full Range

READ2353J Datasheet (HTML) - Renesas Technology Corp


READ2353J Product details

Description
The READ2353J is input and output full range dual CMOS Operational Amplifier realizing low voltage and
low current consumption operation. This IC can be used in minimum operating supply voltage from 1.8V, and in wide ambient temperature range from -40˚C to +125˚C.
Available in ultra-small 8 pins TSSOP packages.
Features  AEC-Q100 Compliant  Low voltage single supply operation VDD = 1.8V to 5.5V  Low input offset voltage VIO ≤ ±6.0mV  Low input bias current IB ≤ (1pA).  Wide output voltage range VOUT : VSS+0.1V to VDD-0.1V(@Io=1mA)  Supply current (per channel) IDD = 40μA Typ.  High slew rate SR = 0.35V/μs Typ.




Similar Part No. - READ2353J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
CMOS Dual Operational Amplifier
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
CMOS Dual Operational Amplifier
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
More results


Similar Description - READ2353J

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CA5S33-25 WALL-CA5S33-25 Datasheet
146Kb / 3P
Ultra Wide Input Voltage Range, Low Profile
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Renesas Technology Corp
READ2303G RENESAS-READ2303G Datasheet
1,009Kb / 9P
Ultra-Small Low Voltage Drive Input Output Full Range
2020.08.20
READ4303G RENESAS-READ4303G Datasheet
1Mb / 8P
Ultra-Small Low Voltage Drive Input Output Full Range
Sep.21.22
READ4353J RENESAS-READ4353J Datasheet
1Mb / 8P
Ultra-Small Low Voltage Drive Input Output Full Range
Sep.21.22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com