Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

READ2354J Datasheet (PDF) - Renesas Technology Corp

READ2354J Datasheet PDF - Renesas Technology Corp
Part # READ2354J
Download  READ2354J Download
File Size   923.44 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Drivability & High Slew Rate, Input Output Full Range,

READ2354J Datasheet (PDF)

Go To PDF Page Download Datasheet
READ2354J Datasheet PDF - Renesas Technology Corp

Part # READ2354J
Download  READ2354J Click to download

File Size   923.44 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Drivability & High Slew Rate, Input Output Full Range,

READ2354J Datasheet (HTML) - Renesas Technology Corp


READ2354J Product details

Description
The READ2354J is input and output full range dual CMOS Operational Amplifier realizing high drivability and high slew rate. This IC can be used in minimum operating supply voltage from 2.5V, and in wide ambient
temperature range from -40˚C to +125˚C.
Available in ultra-small 8 pins TSSOP packages.
Features  AEC-Q100 Compliant  Low voltage single supply operation VDD = 2.5V to 5.5V  Low input offset voltage VIO ≤ ±6.0mV  Low input bias current IB ≤ (1pA).  Wide output voltage range VOUT : VSS+0.1V to VDD-0.1V(@Io=5mA)  Supply current (per channel) IDD = 0.75mA Typ.  High slew rate SR = 8V/μs Typ.




Similar Part No. - READ2354J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
CMOS Dual Operational Amplifier
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
CMOS Dual Operational Amplifier
READ2353J RENESAS-READ2353J Datasheet
829Kb / 8P
Ultra-Small Low Voltage Drive Input Output Full Range
2022.5.12
READ2353JSP RENESAS-READ2353JSP Datasheet
829Kb / 8P
Ultra-Small Low Voltage Drive Input Output Full Range
2022.5.12
More results


Similar Description - READ2354J

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
20MHz, High Input Impedance, High Slew Rate Operational Amplifier
September 1998
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
Uncompensated, High Slew Rate High Output Current, Operational Amplifier
July 1997
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
logo
Rohm
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
logo
Intersil Corporation
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
110MHz, High Slew Rate, High Output Current Buffer
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com