Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA52A10T Datasheet (PDF) - Renesas Technology Corp

RNA52A10T Datasheet PDF - Renesas Technology Corp
Part # RNA52A10T
Download  RNA52A10T Download
File Size   575.64 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual CMOS system–RESET IC

RNA52A10T Datasheet (PDF)

Go To PDF Page Download Datasheet
RNA52A10T Datasheet PDF - Renesas Technology Corp

Part # RNA52A10T
Download  RNA52A10T Click to download

File Size   575.64 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual CMOS system–RESET IC

RNA52A10T Datasheet (HTML) - Renesas Technology Corp


RNA52A10T Product details

Description
The RNA52A10T incorporates two reset circuits, one with and one without a delay function, allowing the generation of
separate reset signals for a microprocessor and associated system circuits. The detection voltage of each reset circuit is
determined by the value of an external resistor, and the internal reference voltage is 1.0 V. The CMOS process for the
RNA52A10T means that the device draws only 1.1 μA (typ.). The reset cancellation delay time is set with a high
degree of accuracy by the values of a capacitor and resistor connected with the CD pin. The MR (manual reset) input
pin is provided for the reset circuit with the delay function, and the reset signal is output in response to a high level on
the MR input pin. The MR pin is pulled down by a 2-MΩ internal resistor. Output pins Vo1 and Vo2 are open drain.
Features
• Two CMOS reset circuits, one with and one without the delay function
• Reference voltage: 1.0 V
• Reference voltage accuracy: ± 50 mV
• Reference voltage hysteresis: 6% (typ.)
• Low current consumption: 1.1 μA (typ.)
• Delay time set by an external CR circuit
• Manual reset input
• Open-drain output
• TSSOP-8 (8-pin) package
• Operating temperature range: – 40 to 85°C
• Ordering Information




Similar Part No. - RNA52A10T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA52A10T RENESAS-RNA52A10T_15 Datasheet
576Kb / 12P
Dual CMOS system?밨ESET IC
More results


Similar Description - RNA52A10T

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
IC for CMOS System Reset
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
IC for CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
CMOS System-Reset IC
RNA52A10MM RENESAS-RNA52A10MM Datasheet
159Kb / 11P
Dual CMOS system-RESET IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
CMOS System Reset IC
logo
Mitsumi Electronics, Co...
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
IC for CMOS System Reset
logo
Renesas Technology Corp
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
CMOS System Reset IC
Mar 01, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com