Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA55A125FLP Datasheet (PDF) - Renesas Technology Corp

RNA55A125FLP Datasheet PDF - Renesas Technology Corp
Part # RNA55A125FLP
Download  RNA55A125FLP Download
File Size   131.39 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS System Reset IC

RNA55A125FLP Datasheet (PDF)

Go To PDF Page Download Datasheet
RNA55A125FLP Datasheet PDF - Renesas Technology Corp

Part # RNA55A125FLP
Download  RNA55A125FLP Click to download

File Size   131.39 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS System Reset IC

RNA55A125FLP Datasheet (HTML) - Renesas Technology Corp


RNA55A125FLP Product details

Description
RNA55A125 is microcomputer and system reset signal to be generated.
Detection voltage is set with external resistors can be, the internal reference voltage is 1.25 V.
Although the method is used to generate an internal counter when reset delay time, can freely set by an external resistor.
Features
 Reset detection voltage: 1.25 V  2.0%
 Delay time: 200 ms (ROSC = 1 M setting)
 Circuit current: 10 A
 Open drain output
 Wide supply voltage range: 1.8 V to 5.5 V




Similar Part No. - RNA55A125FLP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
CMOS System Reset IC
More results


Similar Description - RNA55A125FLP

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
IC for CMOS System Reset
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
IC for CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
CMOS System-Reset IC
RNA52A10MM RENESAS-RNA52A10MM Datasheet
159Kb / 11P
Dual CMOS system-RESET IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
CMOS System Reset IC
logo
Mitsumi Electronics, Co...
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
IC for CMOS System Reset
logo
Renesas Technology Corp
RNA52A10T RENESAS-RNA52A10T Datasheet
575Kb / 12P
Dual CMOS system–RESET IC
Dec 19, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com