Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV1S9060A Datasheet (PDF) - Renesas Technology Corp

RV1S9060A Datasheet PDF - Renesas Technology Corp
Part # RV1S9060A
Download  RV1S9060A Download
File Size   2092.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,

RV1S9060A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9060A Datasheet PDF - Renesas Technology Corp

Part # RV1S9060A
Download  RV1S9060A Click to download

File Size   2092.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,

RV1S9060A Datasheet (HTML) - Renesas Technology Corp


RV1S9060A Product details

DESCRIPTION
The RV1S9060A is a photocoupler featuring high-speed switching up to 15Mbps with active low output
logic which consist of an AlGaAs LED on the input side and an integrated circuit with a photodiode on the
output.
This product enables to low current operation on 3.3V/5V power supply with high noise-tolerant
CMR:50kV/us min. and high temperature operation up to TA = 125°C in logic interface circuit.
FEATURES
 Long creepage distance (8 mm MIN)
 High speed communication (15 Mbps)
 High temperature operation (-40 to +125°C)
 High common mode (dv/dt) tolerant (CMH, CML = 50 kV/s MIN.)
 High isolation voltage (BV = 5000 Vr.m.s.)
 Low input drive current (IFHL = 2.2 mA MAX.)
 Low voltage power supply operation (VDD = 2.7 V~5.5 V)
 Low pulse width distortion (PWD = 20 ns MAX.)
 Ordering number of tape product :
RV1S9060ACCSP-10Yx#KC0:3000pcs/reel
 Pb free product
 Safety standards approval
UL :UL1577, Double protection
CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
VDE :DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9060A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9061A RENESAS-RV1S9061A Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9061ACCSP-10YC RENESAS-RV1S9061ACCSP-10YC Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9061ACCSP-10YV RENESAS-RV1S9061ACCSP-10YV Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9061ACCSP10YCKC0 RENESAS-RV1S9061ACCSP10YCKC0 Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9061ACCSP10YCSC0 RENESAS-RV1S9061ACCSP10YCSC0 Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
More results


Similar Description - RV1S9060A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOU113 GOLLEDGE-GXOU113 Datasheet
65Kb / 1P
3.3V & 5V CMOS Oscillator
GXOU115 GOLLEDGE-GXOU115 Datasheet
59Kb / 1P
3.3V & 5V CMOS Oscillator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
logo
Golledge Electronics Lt...
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
3.3V & 5V CMOS Oscillator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
Single 3.3V/5V Operation
Rev 1; 6/98
logo
Renesas Technology Corp
RV1S9160A RENESAS-RV1S9160A Datasheet
6Mb / 14P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION, 5-PIN SOP PHOTOCOUPLER
Mar 06, 2020
RV1S9960A RENESAS-RV1S9960A Datasheet
1Mb / 14P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION, 15 mm LONG-CREEPAGE 8-PIN LSDIP
Jun. 30, 2021
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
RV1S9260A RENESAS-RV1S9260A Datasheet
6Mb / 15P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,
Nov 11,2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com