Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-772L Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-772L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-772L
Download  ACPL-772L Download
File Size   313.98 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3.3V/5V High Speed CMOS Optocoupler

ACPL-772L Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-772L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-772L
Download  ACPL-772L Click to download

File Size   313.98 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3.3V/5V High Speed CMOS Optocoupler

ACPL-772L Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-772L Product details

Description
Available in either an 8-pin DIP or SO-8 style respectively, the ACPL-772L or ACPL-072L optocouplers utilize the latest CMOS IC technology to achieve outstanding speed performance of minimum 25MBd data rate and 6ns maximum pulse width distortion.

Features
• Dual voltage operation (3.3V and 5V)
• Allow level shifting functionality
• Support high Speed datarate of 25 MBd
• Wide Temperature operation
• CMOS output and buffer input
• Compatible with CMOS and TTL logic level
• Lower power consumption with 3.3V supply
• Good AC performance with lower pulse width distortion
• Lead-free option available

Applications
• Digital Fieldbus Isolation: DeviceNet, Profbus, SDS
• Multiplexed Data Transmission
• General Instrument and Data Acquisition
• Computer Peripheral interface
• Microprocessor System Interface




Similar Part No. - ACPL-772L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-772L BOARDCOM-ACPL-772L Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results


Similar Description - ACPL-772L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
ACPL-072L-000E AVAGO-ACPL-072L-000E Datasheet
397Kb / 11P
ACPL-772L and ACPL-072L 3.3V/5V High Speed CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-077L BOARDCOM-ACPL-077L Datasheet
649Kb / 10P
Low-Power 3.3V/5V High-Speed CMOS Optocoupler Design for System-Level Reliability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com